Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE678M04 Datasheet(PDF) 5 Page - NEC

Part No. NE678M04
Description  MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo NEC - NEC

NE678M04 Datasheet(HTML) 5 Page - NEC

  NE678M04 Datasheet HTML 1Page - NEC NE678M04 Datasheet HTML 2Page - NEC NE678M04 Datasheet HTML 3Page - NEC NE678M04 Datasheet HTML 4Page - NEC NE678M04 Datasheet HTML 5Page - NEC NE678M04 Datasheet HTML 6Page - NEC NE678M04 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NE678M04
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.100
0.72
-45.97
23.42
152.40
0.02
65.62
0.90
-29.51
0.10
29.97
0.200
0.68
-81.43
19.17
132.28
0.04
52.02
0.74
-51.31
0.18
26.71
0.300
0.65
-106.66
15.41
118.19
0.05
42.17
0.61
-66.86
0.26
24.93
0.400
0.63
-124.06
12.56
108.21
0.05
37.11
0.52
-77.84
0.34
23.61
0.500
0.62
-136.69
10.53
100.63
0.06
33.66
0.46
-86.27
0.42
22.62
0.600
0.60
-148.20
8.85
94.98
0.06
32.53
0.38
-92.24
0.56
21.75
0.700
0.60
-155.78
7.72
89.80
0.06
31.81
0.36
-98.70
0.62
21.00
0.800
0.60
-161.77
6.86
85.45
0.06
31.70
0.34
-102.52
0.68
20.32
0.900
0.60
-167.38
6.15
81.38
0.07
31.29
0.33
-106.64
0.74
19.72
1.000
0.60
-171.69
5.59
77.66
0.07
31.31
0.32
-110.16
0.79
19.17
1.500
0.59
170.30
3.81
61.44
0.08
33.17
0.31
-123.84
1.00
16.81
1.800
0.59
161.69
3.21
52.84
0.09
33.52
0.32
-130.08
1.07
13.98
1.900
0.59
158.90
3.05
50.05
0.09
33.69
0.32
-131.91
1.10
13.41
2.000
0.59
156.19
2.90
47.32
0.09
33.45
0.33
-133.96
1.11
12.93
2.500
0.59
142.62
2.35
33.99
0.11
32.55
0.36
-142.01
1.14
11.02
3.000
0.60
128.82
1.97
21.32
0.13
29.86
0.39
-149.47
1.15
9.63
3.500
0.61
114.69
1.69
9.12
0.14
26.40
0.43
-156.17
1.12
8.62
4.000
0.63
101.16
1.47
-2.44
0.16
21.89
0.47
-163.41
1.07
7.95
4.500
0.65
89.04
1.29
-13.44
0.18
16.66
0.50
-171.39
1.03
7.59
5.000
0.67
78.45
1.15
-23.86
0.19
10.92
0.53
179.62
0.98
7.69
5.500
0.69
68.99
1.02
-33.79
0.21
4.77
0.57
170.14
0.94
6.86
6.000
0.71
59.90
0.92
-43.00
0.23
-1.43
0.60
160.66
0.92
6.09
NE678M04
VC = 2 V, IC = 10 mA
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
Note:
1. Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K –
∆ = S11 S22 - S21 S12
When K
≥ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
j50
j100
j25
j10
0
-j10
-j25
-j50
-j100
10
50 100
25
S22
S11
+0º
+0º
+90º
+45º
5
20
-45º
-90º
-135º
+180º
+135º
10 15


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn