Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE678M04 Datasheet(PDF) 4 Page - NEC

Part No. NE678M04
Description  MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo NEC - NEC

NE678M04 Datasheet(HTML) 4 Page - NEC

  NE678M04 Datasheet HTML 1Page - NEC NE678M04 Datasheet HTML 2Page - NEC NE678M04 Datasheet HTML 3Page - NEC NE678M04 Datasheet HTML 4Page - NEC NE678M04 Datasheet HTML 5Page - NEC NE678M04 Datasheet HTML 6Page - NEC NE678M04 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
OUTPUT POWER, POWER GAIN,
COLLECTOR CURRENT, COLLECTOR
EFFICIENCY vs. INPUT POWER
OUTPUT POWER, POWER GAIN,
COLLECTOR CURRENT, COLLECTOR
EFFICIENCY vs. INPUT POWER
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
OUTPUT POWER, POWER GAIN,
COLLECTOR CURRENT, COLLECTOR
EFFICIENCY vs. INPUT POWER
OUTPUT POWER, POWER GAIN,
COLLECTOR CURRENT, COLLECTOR
EFFICIENCY vs. INPUT POWER
Input Power Pin (dBm)
Input Power Pin (dBm)
Input Power Pin (dBm)
Input Power Pin (dBm)
25
VCE = 3.2 V
f = 0.9 GHz
Icq = 10 mA (RF OFF)
20
200
150
100
50
0
250
15
10
5
0
-10
-5
0
5
Pout
GP
IC
ηC
10
15
25
VCE = 2.8 V
f = 1.8 GHz
Icq = 10 mA (RF OFF)
20
200
150
100
50
0
250
15
10
5
0
-10
-5
0
5
Pout
GP
IC
ηC
10
15
25
VCE = 2.8 V
f = 1.8 GHz
Icq = 10 mA (RF OFF)
20
200
150
100
50
0
250
15
10
5
0
-10
-5
0
5
Pout
GP
IC
ηC
10
15
25
VCE = 3.2 V
f = 1.8 GHz
Icq = 10 mA (RF OFF)
20
200
150
100
50
0
250
15
10
5
0
-10
-5
0
5
Pout
GP
IC
ηC
10
15
25
VCE = 3.2 V
f = 2.4 GHz
Icq = 10 mA (RF OFF)
20
200
150
100
50
0
250
15
10
5
0
-10
-5
0
5
GP
IC
ηC
10
15
Pout
NE678M04


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn