Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE678M04 Datasheet(PDF) 3 Page - NEC

Part No. NE678M04
Description  MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo NEC - NEC

NE678M04 Datasheet(HTML) 3 Page - NEC

  NE678M04 Datasheet HTML 1Page - NEC NE678M04 Datasheet HTML 2Page - NEC NE678M04 Datasheet HTML 3Page - NEC NE678M04 Datasheet HTML 4Page - NEC NE678M04 Datasheet HTML 5Page - NEC NE678M04 Datasheet HTML 6Page - NEC NE678M04 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
INSERTION POWER GAIN,
MAG, MSG vs. COLLECTOR CURRENT
INSERTION POWER GAIN,
MAG, MSG vs. COLLECTOR CURRENT
INSERTION POWER GAIN,
MAG, MSG vs. FREQUENCY
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
NE678M04
INSERTION POWER GAIN,
MAG vs. COLLECTOR CURRENT
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
15
VCE = 3 V
f = 2 GHz
10
5
0
110
100
VCE = 3 V
IC = 30 mA
35
30
25
20
15
10
5
0
0.1
110
MSG
|S21e|
2
MAG
VCE = 3 V
f = 1 GHz
25
20
15
10
5
0
110
100
|S21e|
2
MSG
MAG
VCE = 3 V
f = 2 GHz
100
10
1
0
5
10
15
20
25
|S21e|
2
MAG
MSG
VCE = 3 V
f = 2.5 GHz
100
10
1
0
5
10
15
20
25
|S21e|
2
MAG
8
6
4
4
0
2
0
110
100
8
12
16
Ga
NF
VCE = 3 V
f = 2 GHz
Collector Current IC (mA)
Frequency f (mA)
Collector Current IC (mA)
Collector Current IC (mA)
Collector Current IC (mA)
Collector Current IC (mA)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn