Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX132 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74LVX132
Description  Quad 2-Input NAND Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX132 Datasheet(HTML) 3 Page - ON Semiconductor

  MC74LVX132 Datasheet HTML 1Page - ON Semiconductor MC74LVX132 Datasheet HTML 2Page - ON Semiconductor MC74LVX132 Datasheet HTML 3Page - ON Semiconductor MC74LVX132 Datasheet HTML 4Page - ON Semiconductor MC74LVX132 Datasheet HTML 5Page - ON Semiconductor MC74LVX132 Datasheet HTML 6Page - ON Semiconductor MC74LVX132 Datasheet HTML 7Page - ON Semiconductor MC74LVX132 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74LVX132
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
*0.5 to )7.0
V
VIN
DC Input Voltage
*0.5 to )7.0
V
VOUT
DC Output Voltage
*0.5 to VCC )0.5
V
IIK
DC Input Diode Current
VI < GND
*20
mA
IOK
DC Output Diode Current
VO < GND
$20
mA
IOUT
DC Output Sink Current
$25
mA
ICC
DC Supply Current per Supply Pin
$50
mA
TSTG
Storage Temperature Range
*65 to )150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
_C
TJ
Junction Temperature under Bias
)150
_C
qJA
Thermal Resistance
SOIC
TSSOP
250
_C/W
PD
Power Dissipation in Still Air at 85
_CSOIC
TSSOP
250
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 30% − 35%
UL 94−V0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 1)
Machine Model (Note 2)
Charged Device Model (Note 3)
> 2000
> 200
N/A
V
ILatchup
Latchup Performance
Above VCC and Below GND at 85_C (Note 4)
$300
mA
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Tested to EIA/JESD22−A114−A.
2. Tested to EIA/JESD22−A115−A.
3. Tested to JESD22−C101−A.
4. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
2.0
3.6
V
VI
Input Voltage
(Note 5)
0
5.5
V
VO
Output Voltage
(HIGH or LOW State)
0
5.5
V
TA
Operating Free−Air Temperature
*40
)125
_C
Dt/DV
Input Transition Rise or Fall Rate
VCC = 3.0 V $0.3 V
0
100
ns/V
5. Unused inputs may not be left open. All inputs must be tied to a high− or low−logic input voltage level.


Similar Part No. - MC74LVX132

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
121Kb / 7P
   Quad 2-Input NAND Schmitt Trigger
August, 2014 ??Rev. 4
MC74LVX132DR2G ONSEMI-MC74LVX132DR2G Datasheet
121Kb / 7P
   Quad 2-Input NAND Schmitt Trigger
August, 2014 ??Rev. 4
MC74LVX132DTG ONSEMI-MC74LVX132DTG Datasheet
121Kb / 7P
   Quad 2-Input NAND Schmitt Trigger
August, 2014 ??Rev. 4
MC74LVX132DTR2G ONSEMI-MC74LVX132DTR2G Datasheet
121Kb / 7P
   Quad 2-Input NAND Schmitt Trigger
August, 2014 ??Rev. 4
MC74LVX132 ONSEMI-MC74LVX132_14 Datasheet
121Kb / 7P
   Quad 2-Input NAND Schmitt Trigger
August, 2014 ??Rev. 4
More results

Similar Description - MC74LVX132

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com