Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATSAMB11-MR210CA Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATSAMB11-MR210CA
Description  Ultra Low Power BLE 4.1 Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAMB11-MR210CA Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATSAMB11-MR210CA Datasheet HTML 15Page - ATMEL Corporation ATSAMB11-MR210CA Datasheet HTML 16Page - ATMEL Corporation ATSAMB11-MR210CA Datasheet HTML 17Page - ATMEL Corporation ATSAMB11-MR210CA Datasheet HTML 18Page - ATMEL Corporation ATSAMB11-MR210CA Datasheet HTML 19Page - ATMEL Corporation ATSAMB11-MR210CA Datasheet HTML 20Page - ATMEL Corporation ATSAMB11-MR210CA Datasheet HTML 21Page - ATMEL Corporation ATSAMB11-MR210CA Datasheet HTML 22Page - ATMEL Corporation ATSAMB11-MR210CA Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
ATSAMB11-MR210CA/MR510CA [DATASHEET]
Atmel-42498D-SAMB11-MR210CA-MR510CA_Datasheet_09/2016
1
9
19
Figure 8-2.
No PCB/GND Cut Out Area
Atmel
No PCB area cut out
6.5 mm
22 mm
SAMB11
Module
8.1
Power and Ground
Dedicate one layer as a ground plane. Make sure that this ground plane does not get broken up by routes. Power
can route on all layers except the ground layer. Power supply routes should be heavy copper fill planes to ensure
the lowest possible inductance. The power pins of the module should have a via directly to the power plane as
close to the pin as possible. Decoupling capacitors should have a via right next to the capacitor pin and this via
should go directly down to the power plane
– that is to say, the capacitor should not route to the power plane
through a long trace. The ground side of the decoupling capacitor should have a via right next to the pad which
goes directly down to the ground plane. Each decoupling capacitor should have its own via directly to the ground
plane and directly to the power plane right next to the pad. The decoupling capacitors should be placed as close to
the pin that it is filtering as possible.
8.2
Interferers
One of the biggest problems with RF receivers is poor performance due to interferers on the board radiating noise
into the antenna or coupling into the RF traces going to input LNA. Care must be taken to make sure that there is
no noisy circuitry placed anywhere near the antenna or the RF traces. All noise generating circuits should also be
shielded so they do not radiate noise that is picked up by the antenna. Also, make sure that no traces route
underneath the RF portion of the SAMB11-MR210CA. Also, make sure that no traces route underneath any of the
RF traces from the antenna to the SAMB11-MR210CA input. This applies to all layers. Even if there is a ground
plane on a layer between the RF route and another signal, the ground return current will flow on the ground plane
and be coupled into the RF traces.


Similar Part No. - ATSAMB11-MR210CA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATSAMB11XR MICROCHIP-ATSAMB11XR Datasheet
6Mb / 87P
   Ultra Low Power BLE 4.1 SiP/Module
2017
More results

Similar Description - ATSAMB11-MR210CA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATSAMB11XR MICROCHIP-ATSAMB11XR Datasheet
6Mb / 87P
   Ultra Low Power BLE 4.1 SiP/Module
2017
logo
ATMEL Corporation
ATBTLC1000 ATMEL-ATBTLC1000 Datasheet
2Mb / 52P
   Ultra Low Power BLE 4.1 SoC
SAMB11QFNSOC ATMEL-SAMB11QFNSOC Datasheet
1Mb / 61P
   Ultra-low Power BLE 4.1 SoC
logo
Microchip Technology
ATBTLC1000XR MICROCHIP-ATBTLC1000XR Datasheet
6Mb / 78P
   Ultra Low Power BLE 4.1 ATBTLC1000-XR1100A SiP/ ATBTLC1000-ZR110CA Module Datasheet
2017
ATBTLC1000-MR110CA MICROCHIP-ATBTLC1000-MR110CA Datasheet
997Kb / 44P
   ATBTLC1000-MR110CA Ultra-Low Power BLE Module
2019
logo
ATMEL Corporation
ATBTLC1000-MR110CA ATMEL-ATBTLC1000-MR110CA Datasheet
578Kb / 26P
   BLE Module
logo
Microchip Technology
BM70 MICROCHIP-BM70 Datasheet
3Mb / 64P
   Bluetooth짰 Low Energy (BLE) Module
07/14/15
logo
Laird Tech Smart Techno...
BL600-SA LSTD-BL600-SA Datasheet
2Mb / 50P
   Single Mode Bluetooth Low Energy (BLE) Module
logo
Holtek Semiconductor In...
BCM-7602-G01 HOLTEK-BCM-7602-G01 Datasheet
1Mb / 4P
   BLE Transparent Transmission Module
logo
Cypress Semiconductor
CYBLE-214009-00 CYPRESS-CYBLE-214009-00 Datasheet
1Mb / 42P
   EZ-BLE??PSoC짰 Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com