Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATR4289 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATR4289
Description  Reference Oscillator up to 15 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4289 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATR4289 Datasheet HTML 1Page - ATMEL Corporation ATR4289 Datasheet HTML 2Page - ATMEL Corporation ATR4289 Datasheet HTML 3Page - ATMEL Corporation ATR4289 Datasheet HTML 4Page - ATMEL Corporation ATR4289 Datasheet HTML 5Page - ATMEL Corporation ATR4289 Datasheet HTML 6Page - ATMEL Corporation ATR4289 Datasheet HTML 7Page - ATMEL Corporation ATR4289 Datasheet HTML 8Page - ATMEL Corporation ATR4289 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
4885A–AUDR–09/05
ATR4289
Note:
1. This is a period of time where the bus must be free from data transmission before a new transmission can be started.
6.
Electrical Characteristics
V
DD = 5V, VA = 10V, Tamb = 25°C, unless otherwise specified
Parameters
Test Conditions
Pins
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
1
V
DD
4.5
5.0
5.5
V
Quiescent supply current
AM mode/FM mode
1
I
DD
4.0
7.0
mA
FM input sensitivity,
R
G = 50Ω, FMOSC
f
i = 70 MHz to 120 MHz
6
V
SFM
40
mV
rms
f
i = 160 MHz
6
V
SFM
150
mV
rms
AM input sensitivity,
RG = 50Ω, AMOSC
f
i = 0.6 MHz to 35 MHz
8
V
SAM
40
mV
rms
Oscillator input sensitivity,
R
G = 50Ω, OSCIN
f
i = 0.1 MHz to 15 MHz
14
V
SOSC
100
mV
rms
Phase Detector PDFM
Output current 1
10
±I
PDFM
1600
2000
2400
µA
Output current 2
10
±I
PDFM
400
500
600
µA
Leakage current
10
±I
PDFML
20
nA
Phase Detector PDAM
Output current 1
11
±I
PDAM
160
200
240
µA
Output current 2
11
±I
PDAM
40
50
60
µA
Leakage current
11
±I
PDAML
20
µA
Analog Output PDFMO, PDAMO
Saturation voltage LOW
I = 15 mA
9, 12
V
satL
200
400
mW
Saturation voltage HIGH
I = 15 mA
9, 12
V
satH
9.5
9.95
V
Bus SCL, SDA, AS
Input voltage HIGH
2, 3, 4
V
iBUS
3.0
V
DD
V
Input voltage LOW
2, 3, 4
V
iBUS
01.5
V
Output voltage acknowledge LOW
I
SDA = 3 mA
3
V
O
0.4
V
Clock frequency
2
f
SCL
100
kHz
Rise time SDA, SCL
2, 3
t
r
1µs
Fall time SDA, SCL
2, 3
t
f
300
ns
Period of SCL HIGH
2
t
H
4.0
µs
Period of SCL LOW
2
t
L
4.7
µs
Set-up Time
Start condition
t
sSTA
4.7
µs
Data
t
sDAT
250
µs
Stop condition
t
sSTOP
4.7
µs
Time space(1)
t
wSTA
4.7
µs
Hold Time
Start condition
t
hSTA
4.0
µs
Data
t
hDAT
0µs


Similar Part No. - ATR4289

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4285 ATMEL-ATR4285 Datasheet
274Kb / 13P
   Reference Oscillator up to 15 MHz
ATR4285-TKQY ATMEL-ATR4285-TKQY Datasheet
274Kb / 13P
   Reference Oscillator up to 15 MHz
ATR4285-TKSY ATMEL-ATR4285-TKSY Datasheet
274Kb / 13P
   Reference Oscillator up to 15 MHz
More results

Similar Description - ATR4289

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4285BM ATMEL-U4285BM Datasheet
222Kb / 10P
   Reference Oscillator up to 15 MHz
ATR4285 ATMEL-ATR4285 Datasheet
274Kb / 13P
   Reference Oscillator up to 15 MHz
logo
QUARTZCOM the communica...
PXO-P9-DS-6P QUARTZCOM-PXO-P9-DS-6P Datasheet
119Kb / 1P
   SMD Clock Oscillator LVDS Output frequency up to 320 MHz
MCO-1S-PE-6P QUARTZCOM-MCO-1S-PE-6P Datasheet
124Kb / 1P
   SMD Clock Oscillator LVPECL Output frequency up to 320 MHz
MCO-1S-DS-6P QUARTZCOM-MCO-1S-DS-6P Datasheet
122Kb / 1P
   SMD Clock Oscillator LVDS Output frequency up to 320 MHz
MCO-SK-H-4P QUARTZCOM-MCO-SK-H-4P Datasheet
141Kb / 1P
   SMD Clock Oscillator HCMOS Output frequency up to 200 MHz
logo
List of Unclassifed Man...
R9-NBS-UDMK-GP ETC2-R9-NBS-UDMK-GP Datasheet
327Kb / 1P
   Supports up to 15??laptops.
logo
QUARTZCOM the communica...
PXO-P9-H-6P QUARTZCOM-PXO-P9-H-6P Datasheet
115Kb / 1P
   SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
PXO-P9-DSM-6P QUARTZCOM-PXO-P9-DSM-6P Datasheet
120Kb / 1P
   LVDS SMD Clock Oscillator Multiplier Output frequency up to 700 MHz
PXO-P9-H-4P QUARTZCOM-PXO-P9-H-4P Datasheet
112Kb / 1P
   SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com