Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATR4289 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATR4289
Description  Reference Oscillator up to 15 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4289 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATR4289 Datasheet HTML 1Page - ATMEL Corporation ATR4289 Datasheet HTML 2Page - ATMEL Corporation ATR4289 Datasheet HTML 3Page - ATMEL Corporation ATR4289 Datasheet HTML 4Page - ATMEL Corporation ATR4289 Datasheet HTML 5Page - ATMEL Corporation ATR4289 Datasheet HTML 6Page - ATMEL Corporation ATR4289 Datasheet HTML 7Page - ATMEL Corporation ATR4289 Datasheet HTML 8Page - ATMEL Corporation ATR4289 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
4885A–AUDR–09/05
ATR4289
4.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Pins
Symbol
Value
Unit
Supply voltage
1
V
DD
–0.3 to +6
V
Input voltage
2, 3, 4, 6,
8, 14, 15
VI
–0.3 to VDD + 0.3
V
Output current
3, 5
I
O
–1 to +5
mA
Output drain voltage
5
V
OD
15
V
Analog supply voltage with 220
Ω serial
resistance 2 minutes(1)
13
V
A
VA
6 to 15
24
V
V
Output current
9, 12
IAO
–1 to +20
mA
Ambient temperature range
Tamb
–30 to +85
°C
Storage temperature range
Tstg
–40 to +125
°C
Junction temperature
Tj
125
°C
Electrostatic handling
(modified MIL STD 883 D method 3015.7: all
supply pins connected together)
±V
ESD
1000
V
Note:
1. Corresponding to the application circuit (Figure 9-1 on page 9)
5.
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
R
thJA
160
K/W


Similar Part No. - ATR4289

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4285 ATMEL-ATR4285 Datasheet
274Kb / 13P
   Reference Oscillator up to 15 MHz
ATR4285-TKQY ATMEL-ATR4285-TKQY Datasheet
274Kb / 13P
   Reference Oscillator up to 15 MHz
ATR4285-TKSY ATMEL-ATR4285-TKSY Datasheet
274Kb / 13P
   Reference Oscillator up to 15 MHz
More results

Similar Description - ATR4289

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4285BM ATMEL-U4285BM Datasheet
222Kb / 10P
   Reference Oscillator up to 15 MHz
ATR4285 ATMEL-ATR4285 Datasheet
274Kb / 13P
   Reference Oscillator up to 15 MHz
logo
QUARTZCOM the communica...
PXO-P9-DS-6P QUARTZCOM-PXO-P9-DS-6P Datasheet
119Kb / 1P
   SMD Clock Oscillator LVDS Output frequency up to 320 MHz
MCO-1S-PE-6P QUARTZCOM-MCO-1S-PE-6P Datasheet
124Kb / 1P
   SMD Clock Oscillator LVPECL Output frequency up to 320 MHz
MCO-1S-DS-6P QUARTZCOM-MCO-1S-DS-6P Datasheet
122Kb / 1P
   SMD Clock Oscillator LVDS Output frequency up to 320 MHz
MCO-SK-H-4P QUARTZCOM-MCO-SK-H-4P Datasheet
141Kb / 1P
   SMD Clock Oscillator HCMOS Output frequency up to 200 MHz
logo
List of Unclassifed Man...
R9-NBS-UDMK-GP ETC2-R9-NBS-UDMK-GP Datasheet
327Kb / 1P
   Supports up to 15??laptops.
logo
QUARTZCOM the communica...
PXO-P9-H-6P QUARTZCOM-PXO-P9-H-6P Datasheet
115Kb / 1P
   SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
PXO-P9-DSM-6P QUARTZCOM-PXO-P9-DSM-6P Datasheet
120Kb / 1P
   LVDS SMD Clock Oscillator Multiplier Output frequency up to 700 MHz
PXO-P9-H-4P QUARTZCOM-PXO-P9-H-4P Datasheet
112Kb / 1P
   SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com