Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATR4285 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATR4285
Description  Reference Oscillator up to 15 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4285 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATR4285 Datasheet HTML 5Page - ATMEL Corporation ATR4285 Datasheet HTML 6Page - ATMEL Corporation ATR4285 Datasheet HTML 7Page - ATMEL Corporation ATR4285 Datasheet HTML 8Page - ATMEL Corporation ATR4285 Datasheet HTML 9Page - ATMEL Corporation ATR4285 Datasheet HTML 10Page - ATMEL Corporation ATR4285 Datasheet HTML 11Page - ATMEL Corporation ATR4285 Datasheet HTML 12Page - ATMEL Corporation ATR4285 Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
4884A–AUDR–08/05
ATR4285
7.
Bit Organization
8.
Transmission Protocol
Note:
S = Start, P = Stop, A = Acknowledge
Table 7-1.
Bit Organization
MSB
LSB
Module address
11
0
0
1
0
0/1
0
A7
A6
A5
A4
A3
A2
A1
A0
Subaddress (R-divider)
X
X
X
0
0
1
X
X
Subaddress (N-divider)
X
X
X
X
1
1
X
X
Data byte 0 (Status)
SWO1
SWO2
SWO3
SWO4
AM/FM
PD - ANA
PD - POL
PD - CUR
D7
D6
D5
D4
D3
D2
D1
D0
Data byte 1
215
R-divider
28
Data byte 2
27
R-divider
20
Data byte 3
215
N-divider
28
Data byte 4
27
N-divider
20
Table 7-2.
Function Mode
Bit Description
Mode
LOW
HIGH
D3
AM/FM
FM operation
AM operation
D2
PD - ANA
PD analog
Test
D1
PD - POL
Negative polarity
Positive polarity
D0
PD - CUR
Output current 2
Output current 1
MSB
LSB
S
Address
A
Subaddress
A
Data 0
A
Data 1
A
Data 2
A
P
A0
A7
R-divider
MSB
LSB
S
Address
A
Subaddress
A
Data 3
A
Data 4
A
P
A0
A7
N-divider


Similar Part No. - ATR4285

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4289 ATMEL-ATR4289 Datasheet
282Kb / 12P
   Reference Oscillator up to 15 MHz
ATR4289-TBQY ATMEL-ATR4289-TBQY Datasheet
282Kb / 12P
   Reference Oscillator up to 15 MHz
ATR4289-TBSY ATMEL-ATR4289-TBSY Datasheet
282Kb / 12P
   Reference Oscillator up to 15 MHz
More results

Similar Description - ATR4285

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4285BM ATMEL-U4285BM Datasheet
222Kb / 10P
   Reference Oscillator up to 15 MHz
ATR4289 ATMEL-ATR4289 Datasheet
282Kb / 12P
   Reference Oscillator up to 15 MHz
logo
QUARTZCOM the communica...
PXO-P9-DS-6P QUARTZCOM-PXO-P9-DS-6P Datasheet
119Kb / 1P
   SMD Clock Oscillator LVDS Output frequency up to 320 MHz
MCO-1S-PE-6P QUARTZCOM-MCO-1S-PE-6P Datasheet
124Kb / 1P
   SMD Clock Oscillator LVPECL Output frequency up to 320 MHz
MCO-1S-DS-6P QUARTZCOM-MCO-1S-DS-6P Datasheet
122Kb / 1P
   SMD Clock Oscillator LVDS Output frequency up to 320 MHz
MCO-SK-H-4P QUARTZCOM-MCO-SK-H-4P Datasheet
141Kb / 1P
   SMD Clock Oscillator HCMOS Output frequency up to 200 MHz
logo
List of Unclassifed Man...
R9-NBS-UDMK-GP ETC2-R9-NBS-UDMK-GP Datasheet
327Kb / 1P
   Supports up to 15??laptops.
logo
QUARTZCOM the communica...
PXO-P9-H-6P QUARTZCOM-PXO-P9-H-6P Datasheet
115Kb / 1P
   SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
PXO-P9-DSM-6P QUARTZCOM-PXO-P9-DSM-6P Datasheet
120Kb / 1P
   LVDS SMD Clock Oscillator Multiplier Output frequency up to 700 MHz
PXO-P9-H-4P QUARTZCOM-PXO-P9-H-4P Datasheet
112Kb / 1P
   SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com