Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATR4251-TKSY Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR4251-TKSY
Description  High Dynamic Range for AM and FM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4251-TKSY Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATR4251-TKSY Datasheet HTML 2Page - ATMEL Corporation ATR4251-TKSY Datasheet HTML 3Page - ATMEL Corporation ATR4251-TKSY Datasheet HTML 4Page - ATMEL Corporation ATR4251-TKSY Datasheet HTML 5Page - ATMEL Corporation ATR4251-TKSY Datasheet HTML 6Page - ATMEL Corporation ATR4251-TKSY Datasheet HTML 7Page - ATMEL Corporation ATR4251-TKSY Datasheet HTML 8Page - ATMEL Corporation ATR4251-TKSY Datasheet HTML 9Page - ATMEL Corporation ATR4251-TKSY Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
4913E–AUDR–02/07
ATR4251 [Preliminary]
3.2
AM AGC
The IC is equipped with an AM AGC capability to prevent overdriving of the amplifier in case the
amplifier operates near strong antenna signal level, for example, transmitters.
The AM amplifier output AMOUT1 is applied to a resistive voltage divider. This divided signal is
applied to the AGC level detector input pin AGCAMIN. The rectified signal is compared against
an internal reference. The threshold of the AGC can be adjusted by adjusting the divider ratio of
the external voltage divider. If the threshold is reached, pin AGCAM opens an external transistor
which controls PIN diode currents and limits the antenna signal and thereby prevents overdriv-
ing the AM amplifier IC.
3.3
FM Amplifier
The FM amplifier is realized with a single NPN transistor. This allows use of an amplifier config-
uration optimized on the requirements. For low-cost applications, the common emitter
configuration provides good performance at reasonable bills of materials (BOM) cost
(1). For
high-end applications, common base configuration with lossless transformer feedback provides
a high IP3 and a low noise figure at reasonable current consumption(2). In both configurations,
gain, input, and output impedance can be adjusted by modification of external components.
The temperature compensated bias voltage (VREF1) for the base of the NPN transistor is
derived from an integrated band gap reference. The bias current of the FM amplifier is defined
by an external resistor.
Notes:
1. See test circuit (Figure 8-1 on page 11)
2. See application circuit (Figure 9-1 on page 12)
3.4
FM/TV AGC
The IC is equipped with an AGC capability to prevent overdriving the amplifier in cases when the
amplifier is operated with strong antenna signals (for example, near transmitters).
It is possible to realize an external TV antenna amplifier with integrated AGC and external RF
transistor. The bandwidth of the integrated AGC circuit is 900 MHz.
FM amplifier output FMOUT is connected to a capacitive voltage divider and the divided signal is
applied to the AGC level detector at pin AGCIN. This level detector input is optimized for low dis-
tortion. The rectified signal is compared against an internal reference. The threshold of the AGC
can be adjusted by adjusting the divider ratio of the external voltage divider. If the threshold is
reached, pin AGC1 opens an external transistor which controls the PIN diode current, this limits
the amplifier input signal level and prevents overdriving the FM amplifier.


Similar Part No. - ATR4251-TKSY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4251-TKSY ATMEL-ATR4251-TKSY Datasheet
374Kb / 21P
   Low-noise, High-dynamicrange AM/FM Antenna Amplifier IC
ATR4251-TKSY ATMEL-ATR4251-TKSY Datasheet
433Kb / 21P
   Low-noise, High-dynamic-range Antenna Amplifier IC
More results

Similar Description - ATR4251-TKSY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDARF01-1BF4 STMICROELECTRONICS-ESDARF01-1BF4 Datasheet
159Kb / 13P
   ESD protection for AM and FM antenna
January 2013 Rev1
ESDARF01-1BM2 STMICROELECTRONICS-ESDARF01-1BM2 Datasheet
201Kb / 11P
   ESD protection for AM and FM antenna
logo
Wuxi Youda electronics ...
YD1800 YOUDA-YD1800 Datasheet
99Kb / 4P
   FM/AM
logo
Sony Corporation
CXA1019AM SONY-CXA1019AM Datasheet
235Kb / 11P
   FM / AM
logo
NEC
UPD1703C-014 NEC-UPD1703C-014 Datasheet
1Mb / 31P
   PLL FREQUENCY SYMTHESIZER AND CONTROLLER FOR FM AND AM TUNER
logo
MTRONPTI
PA2071-1 MTRONPTI-PA2071-1 Datasheet
318Kb / 2P
   Suitable for AM, FM, Pulse and other modulations standards
logo
STMicroelectronics
TDA7511 STMICROELECTRONICS-TDA7511 Datasheet
792Kb / 41P
   AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
TDA8192 STMICROELECTRONICS-TDA8192 Datasheet
44Kb / 5P
   MULTISTANDARD AM AND FM SOUND IF CIRCUIT FOR TV
logo
Sanyo Semicon Device
LA1886M SANYO-LA1886M Datasheet
724Kb / 32P
   AM/FM Tuner
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
   FM/AM RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com