Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATBTLC1000-MR110CA Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATBTLC1000-MR110CA
Description  BLE Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATBTLC1000-MR110CA Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATBTLC1000-MR110CA Datasheet HTML 18Page - ATMEL Corporation ATBTLC1000-MR110CA Datasheet HTML 19Page - ATMEL Corporation ATBTLC1000-MR110CA Datasheet HTML 20Page - ATMEL Corporation ATBTLC1000-MR110CA Datasheet HTML 21Page - ATMEL Corporation ATBTLC1000-MR110CA Datasheet HTML 22Page - ATMEL Corporation ATBTLC1000-MR110CA Datasheet HTML 23Page - ATMEL Corporation ATBTLC1000-MR110CA Datasheet HTML 24Page - ATMEL Corporation ATBTLC1000-MR110CA Datasheet HTML 25Page - ATMEL Corporation ATBTLC1000-MR110CA Datasheet HTML 26Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
ATBTLC1000-MR110CA [DATASHEET]
Atmel-42514E-ATBTLC1000-MR110CA-BLE-Module_Datasheet_08/2016
2
2
22
12
Reflow Profile Information
This chapter provides guidelines for reflow processes in getting the Atmel module soldered to the customer’s
design.
12.1 Storage Condition
12.1.1 Moisture Barrier Bag Before Opened
A moisture barrier bag must be stored in a temperature of less than 30°C with humidity under 85% RH.
The calculated shelf life for the dry-packed product shall be 12 months from the date the bag is sealed.
12.1.2 Moisture Barrier Bag Open
Humidity indicator cards must be blue, <30%.
12.2 Stencil Design
The recommended stencil is laser-cut, stainless-steel type with a thickness of 100µm to 130µm, and approximately
a 1:1 ratio of stencil opening to pad dimension. To improve paste release, a positive taper with bottom opening
25µm larger than the top can be utilized. Local manufacturing experience may find other combinations of stencil
thickness and aperture size to get good results.
12.3 Baking Conditions
This module is rated at MSL level 3. After the sealed bag is opened, no baking is required within 168 hours so long
as the devices are held at ≤30°C/60% RH or stored at <10% RH.
The module will require baking before mounting if:
The sealed bag has been open for >168 hours
Humidity Indicator Card reads >10%
SIPs need to be baked for 8 hours at 125°C
12.4 Soldering and Reflow Condition
12.4.1 Reflow Oven
It is strongly recommended that a reflow oven equipped with more heating zones and Nitrogen atmosphere be
used for lead-free assembly. Nitrogen atmosphere has shown to improve the wet-ability and reduce temperature
gradient across the board. It can also enhance the appearance of the solder joints by reducing the effects of
oxidation.
The following bullet items should also be observed in the reflow process:
Some recommended pastes include NC-SMQ® 230 flux and Indalloy® 241 solder paste made up of 95.5
Sn/3.8 Ag/0.7 Cu or SENJU N705-GRN3360-K2-V Type 3, no clean paste.
Allowable reflow soldering times: Three times based on the following reflow soldering profile (see Figure 12-
1).
Temperature profile: Reflow soldering shall be done according to the following temperature profile (see
Figure 12-1).
Peak temp: 250°C.


Similar Part No. - ATBTLC1000-MR110CA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATBTLC1000-MR110CA MICROCHIP-ATBTLC1000-MR110CA Datasheet
997Kb / 44P
   ATBTLC1000-MR110CA Ultra-Low Power BLE Module
2019
More results

Similar Description - ATBTLC1000-MR110CA

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BCM-7602-G01 HOLTEK-BCM-7602-G01 Datasheet
1Mb / 4P
   BLE Transparent Transmission Module
logo
Cypress Semiconductor
CYBLE-214009-00 CYPRESS-CYBLE-214009-00 Datasheet
1Mb / 42P
   EZ-BLE??PSoC짰 Module
CYBLE-014008-00 CYPRESS-CYBLE-014008-00 Datasheet
1Mb / 42P
   EZ-BLE??PSoC짰 Module
logo
List of Unclassifed Man...
HM-10 ETC1-HM-10 Datasheet
332Kb / 14P
   Bluetooth 4.0 BLE module
logo
Microchip Technology
BM70 MICROCHIP-BM70 Datasheet
3Mb / 64P
   Bluetooth짰 Low Energy (BLE) Module
07/14/15
logo
ATMEL Corporation
ATSAMB11-MR210CA ATMEL-ATSAMB11-MR210CA Datasheet
755Kb / 26P
   Ultra Low Power BLE 4.1 Module
logo
EnOcean GmbH.
PTM535BZ ENOCEAN-PTM535BZ Datasheet
161Kb / 1P
   Transmitter module for BLE and Zigbee
May 2021
logo
Cypress Semiconductor
CYBLE-222014-01 CYPRESS-CYBLE-222014-01 Datasheet
906Kb / 37P
   EZ-BLE??PRoC??Bluetooth 4.2 Module
logo
Laird Tech Smart Techno...
450-0103C LSTD-450-0103C Datasheet
1Mb / 42P
   TiWi-uB1 Bluetooth Smart (BLE) Module
logo
Cypress Semiconductor
CYBLE-224110-00 CYPRESS-CYBLE-224110-00 Datasheet
1Mb / 43P
   EZ-BLE??PSoC짰 XT/XR Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com