Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATBTLC1000-MR110CA Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATBTLC1000-MR110CA
Description  BLE Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATBTLC1000-MR110CA Datasheet(HTML) 1 Page - ATMEL Corporation

  ATBTLC1000-MR110CA Datasheet HTML 1Page - ATMEL Corporation ATBTLC1000-MR110CA Datasheet HTML 2Page - ATMEL Corporation ATBTLC1000-MR110CA Datasheet HTML 3Page - ATMEL Corporation ATBTLC1000-MR110CA Datasheet HTML 4Page - ATMEL Corporation ATBTLC1000-MR110CA Datasheet HTML 5Page - ATMEL Corporation ATBTLC1000-MR110CA Datasheet HTML 6Page - ATMEL Corporation ATBTLC1000-MR110CA Datasheet HTML 7Page - ATMEL Corporation ATBTLC1000-MR110CA Datasheet HTML 8Page - ATMEL Corporation ATBTLC1000-MR110CA Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
ATBTLC1000-MR110CA
BLE Module
DATASHEET
Description
The ATBTLC1000-MR110CA is an ultra-low power Bluetooth® SMART (BLE 4.1)
module with Integrated Transceiver, Modem, MAC, PA, TR Switch, and Power
Management Unit (PMU). It can be used as a Bluetooth Low Energy link controller or
data pump with external host MCU.
The qualified Bluetooth® Smart protocol stack is stored in dedicated ROM, the
firmware includes L2CAP service layer protocols, Security Manager, Attribute
protocol (ATT), Generic Attribute Profile (GATT), and the Generic Access Profile
(GAP). Additionally, application profiles such as Proximity, Thermometer, Heart Rate,
Blood Pressure and many others are supported and included in the protocol stack.
The module contains all circuitry required including a ceramic high gain antenna,
26MHz crystal, and PMU circuitry. The customer simply needs to place the module
on his board and provide power and a 32kHz Real Time Clock or crystal.
Features
Complies with Bluetooth V4.1, ETSI EN 300 328, and EN 300 440 Class 2, FCC
CFR47 Part 15, ARIB STD-T66, and TELEC
Bluetooth Certification
QD ID Controller (see declaration D028678)
QD ID Host (see declaration D028679
2.4GHz transceiver and Modem
-95dBm/-93dBm programmable receiver sensitivity
-20 to +3.5dBm programmable TX output power
Integrated T/R switch
Single wire antenna connection
ARM Cortex®-M0 32-bit processor
Single wire Debug (SWD) interface
4-channel DMA controller
Brown out detector and Power On Reset
Watch Dog Timer
Memory
128kB embedded RAM (96kB available for application)
128kB embedded ROM
Hardware Security Accelerators
AES-128
SHA-256
Atmel-42514E-ATBTLC1000-MR110CA-BLE-Module_Datasheet_08/2016


Similar Part No. - ATBTLC1000-MR110CA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATBTLC1000-MR110CA MICROCHIP-ATBTLC1000-MR110CA Datasheet
997Kb / 44P
   ATBTLC1000-MR110CA Ultra-Low Power BLE Module
2019
More results

Similar Description - ATBTLC1000-MR110CA

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BCM-7602-G01 HOLTEK-BCM-7602-G01 Datasheet
1Mb / 4P
   BLE Transparent Transmission Module
logo
Cypress Semiconductor
CYBLE-214009-00 CYPRESS-CYBLE-214009-00 Datasheet
1Mb / 42P
   EZ-BLE??PSoC짰 Module
CYBLE-014008-00 CYPRESS-CYBLE-014008-00 Datasheet
1Mb / 42P
   EZ-BLE??PSoC짰 Module
logo
List of Unclassifed Man...
HM-10 ETC1-HM-10 Datasheet
332Kb / 14P
   Bluetooth 4.0 BLE module
logo
Microchip Technology
BM70 MICROCHIP-BM70 Datasheet
3Mb / 64P
   Bluetooth짰 Low Energy (BLE) Module
07/14/15
logo
ATMEL Corporation
ATSAMB11-MR210CA ATMEL-ATSAMB11-MR210CA Datasheet
755Kb / 26P
   Ultra Low Power BLE 4.1 Module
logo
EnOcean GmbH.
PTM535BZ ENOCEAN-PTM535BZ Datasheet
161Kb / 1P
   Transmitter module for BLE and Zigbee
May 2021
logo
Cypress Semiconductor
CYBLE-222014-01 CYPRESS-CYBLE-222014-01 Datasheet
906Kb / 37P
   EZ-BLE??PRoC??Bluetooth 4.2 Module
logo
Laird Tech Smart Techno...
450-0103C LSTD-450-0103C Datasheet
1Mb / 42P
   TiWi-uB1 Bluetooth Smart (BLE) Module
logo
Cypress Semiconductor
CYBLE-224110-00 CYPRESS-CYBLE-224110-00 Datasheet
1Mb / 43P
   EZ-BLE??PSoC짰 XT/XR Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com