Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC70508ZYZFT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC70508ZYZFT
Description  Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC70508ZYZFT Datasheet(HTML) 4 Page - Texas Instruments

  DAC70508ZYZFT Datasheet HTML 1Page - Texas Instruments DAC70508ZYZFT Datasheet HTML 2Page - Texas Instruments DAC70508ZYZFT Datasheet HTML 3Page - Texas Instruments DAC70508ZYZFT Datasheet HTML 4Page - Texas Instruments DAC70508ZYZFT Datasheet HTML 5Page - Texas Instruments DAC70508ZYZFT Datasheet HTML 6Page - Texas Instruments DAC70508ZYZFT Datasheet HTML 7Page - Texas Instruments DAC70508ZYZFT Datasheet HTML 8Page - Texas Instruments DAC70508ZYZFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
1
2
3
4
A
B
C
D
Not to scale
OUT3
GND
VDD
OUT4
OUT1
OUT2
OUT6
OUT5
REF
OUT0
OUT7
CS
VIO
SDO/ALARM
SDI
SCLK
1
REF
12
CS
2
OUT0
11
OUT7
3
OUT1
10
OUT6
4
OUT2
9
OUT5
Not to scale
Thermal
Pad
4
DAC80508Z, DAC70508Z, DAC60508Z, DAC80508M, DAC70508M, DAC60508M
SLASEL1B – JUNE 2017 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: DAC80508Z DAC70508Z DAC60508Z DAC80508M DAC70508M DAC60508M
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
6 Pin Configuration and Functions
RTE Package
16-Pin WQFN
Top View
YZF Package
16-Pin DSBGA
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
WQFN
NO.
DSBGA
NO.
REF
1
C1
I/O
When using internal reference, this is the reference output voltage pin (default). When
using an external reference, this is the reference input pin to the device.
OUT0
2
C2
O
Analog output voltage from DAC 0.
OUT1
3
B1
O
Analog output voltage from DAC 1.
OUT2
4
B2
O
Analog output voltage from DAC 2.
OUT3
5
A1
O
Analog output voltage from DAC 3.
GND
6
A2
GND
Ground reference point for all circuitry on the device.
VDD
7
A3
PWR
Analog supply voltage (2.7 V to 5.5 V).
OUT4
8
A4
O
Analog output voltage from DAC 4.
OUT5
9
B4
O
Analog output voltage from DAC 5.
OUT6
10
B3
O
Analog output voltage from DAC 6.
OUT7
11
C3
O
Analog output voltage from DAC 7.
CS
12
C4
I
Active low serial data enable. This input is the frame synchronization signal for the serial
data. When the signal goes low, it enables the serial interface input shift register.
SCLK
13
D4
I
Serial interface clock.
SDI
14
D3
I
Serial interface data input. Data are clocked into the input shift register on each falling
edge of the SCLK pin.
SDO/ALARM
15
D2
O
Serial interface data output (default). The SDO pin is in high impedance when CS pin is
high. Data are clocked out of the input shift register on either rising or falling edges of the
SCLK pin as specified by the FSDO bit. Alternatively the pin can be configured as an
ALARM open-drain output to indicate a CRC or reference alarm event. If configured as
ALARM a 10 kΩ, pull-up resistor to VIO is required.
VIO
16
D1
PWR
IO supply voltage (1.7 V to 5.5 V). This pin sets the I/O operating voltage for the serial
interface.
Thermal Pad
The thermal pad is located on the bottom-side of the WQFN package. The thermal pad
should be connected to any internal PCB ground plane using multiple vias for good
thermal performance.


Similar Part No. - DAC70508ZYZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC70508ZYZFT TI1-DAC70508ZYZFT Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
More results

Similar Description - DAC70508ZYZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80504 TI1-DAC80504 Datasheet
85Kb / 4P
[Old version datasheet]   Quad, 16-Bit, SPI Voltage Output DAC With Internal Reference
DAC80504 TI1-DAC80504_19 Datasheet
1Mb / 49P
[Old version datasheet]   Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
logo
Wolfson Microelectronic...
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
logo
Texas Instruments
DAC80504 TI1-DAC80504_18 Datasheet
2Mb / 48P
[Old version datasheet]   Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80504 TI1-DAC80504_17 Datasheet
2Mb / 48P
[Old version datasheet]   Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
logo
Wolfson Microelectronic...
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
   12-bit Serial Input Voltage Output DAC with Internal Reference
WM2639 WOLFSON-WM2639 Datasheet
342Kb / 10P
   12-Bit Parallel Input Voltage Output DAC with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com