Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRA74XP Datasheet(PDF) 5 Page - Texas Instruments

Part # DRA74XP
Description  Infotainment Applications Processor Silicon Revision 1.0
Download  481 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRA74XP Datasheet(HTML) 5 Page - Texas Instruments

  DRA74XP Datasheet HTML 1Page - Texas Instruments DRA74XP Datasheet HTML 2Page - Texas Instruments DRA74XP Datasheet HTML 3Page - Texas Instruments DRA74XP Datasheet HTML 4Page - Texas Instruments DRA74XP Datasheet HTML 5Page - Texas Instruments DRA74XP Datasheet HTML 6Page - Texas Instruments DRA74XP Datasheet HTML 7Page - Texas Instruments DRA74XP Datasheet HTML 8Page - Texas Instruments DRA74XP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 481 page
background image
5
DRA75P, DRA74P
www.ti.com
SPRS989D – DECEMBER 2016 – REVISED DECEMBER 2017
Submit Documentation Feedback
Product Folder Links: DRA75P DRA74P
Revision History
Copyright © 2016–2017, Texas Instruments Incorporated
2
Revision History
Changes from September 26, 2017 to December 15, 2017 (from C Revision (September 2017) to D Revision)
Page
Added Secure Boot feature in Section 1.1, Section 1.3 and Figure 1-1
....................................................... 1
Updated Table 3-1 to identify the ISS feature overall as “optional”, along with a footnote (2)
............................. 6
Added vpp ball information to Table 4-1 Pin Attributes, Table 4-32 Power Supply Signal Descriptions, and
Table 4-34 Unused Balls Specific Connection Requirements.
............................................................... 13
Removed restriction on VOUT to operate in 1.8 V only onto balls mapped to the vddshv6 supply rail in Table 4-1
and Table 4-3 as it is not applicable to this device
............................................................................. 80
Added tie-off guidance for unused dqs, dqsn and I2C2 pins to Table 4-34
................................................ 138
Added new VPP Specification section about One-Time Programmable (OTP) eFuses
................................. 175
Updated Package Thermal Characteristics section
........................................................................... 176
Removed restriction on VOUT to operate in 1.8 V only onto balls mapped to the vddshv6 supply rail in VOUT
IOSET Table 5-50
................................................................................................................. 228
Added CAN delay time receive and transmit parameters in relation to the shift registers
.............................. 301
Added Secure Boot feature in Section 6.1 and Figure 6-1
................................................................... 346
Updated maximum ISP throughput in Section 6.5
............................................................................ 355
Power Integrity Updates: Section 7.3 is updated to align with new PDN power integrity recommendations and
provided EVM PCB PDN PI performance & Dcap scheme implementation results.
..................................... 402
Added High Security suffix “S” to Table 8-1 Nomenclature Description
................................................... 475
Added ISS designator "I" to Figure 8-1 and Table 8-1
........................................................................ 475


Similar Part No. - DRA74XP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA74XP TI1-DRA74XP Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA74XP TI1-DRA74XP Datasheet
6Mb / 484P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
More results

Similar Description - DRA74XP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA75P TI1-DRA75P_19 Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P_19 Datasheet
6Mb / 485P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P Datasheet
5Mb / 476P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA80M TI1-DRA80M Datasheet
2Mb / 278P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P_1905 TI1-DRA75P_1905 Datasheet
6Mb / 484P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA722 TI1-DRA722 Datasheet
5Mb / 409P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA72 TI1-DRA72 Datasheet
4Mb / 411P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA75 TI1-DRA75 Datasheet
5Mb / 443P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
OMAP-L137 TI-OMAP-L137_1 Datasheet
71Kb / 7P
[Old version datasheet]   Low-Power Applications Processor Silicon Revision 1.0
DRA744 TI1-DRA744 Datasheet
7Mb / 443P
[Old version datasheet]   DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com