Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRA75XP Datasheet(PDF) 6 Page - Texas Instruments

Part # DRA75XP
Description  Infotainment Applications Processor Silicon Revision 1.0
Download  481 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRA75XP Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRA75XP Datasheet HTML 2Page - Texas Instruments DRA75XP Datasheet HTML 3Page - Texas Instruments DRA75XP Datasheet HTML 4Page - Texas Instruments DRA75XP Datasheet HTML 5Page - Texas Instruments DRA75XP Datasheet HTML 6Page - Texas Instruments DRA75XP Datasheet HTML 7Page - Texas Instruments DRA75XP Datasheet HTML 8Page - Texas Instruments DRA75XP Datasheet HTML 9Page - Texas Instruments DRA75XP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 481 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Device Comparison
Submit Documentation Feedback
Product Folder Links: DRA75P DRA74P
6
DRA75P, DRA74P
SPRS989D – DECEMBER 2016 – REVISED DECEMBER 2017
www.ti.com
3
Device Comparison
3.1
Device Comparison Table
Table 3-1 shows a comparison between devices, highlighting the differences.
Table 3-1. Device Comparison
Features
Device
Jacinto 6 Plus EX
Jacinto 6 Plus EP
Jacinto 6 Plus
DRA756P
DRA755P
DRA754P
DRA752P
DRA751P
DRA750P
DRA746P
DRA745P
DRA744P
Features
CTRL_WKUP_STD_FUSE_DIE_ID_2[31:24] Base PN register
bitfield value(7)
15 (0xF)
14 (0xE)
13 (0xD)
11 (0xB)
10 (0xA)
9 (0x9)
7 (0x7)
6 (0x6)
5 (0x5)
Processors/ Accelerators
Speed Grades
P
L
J
P
L
J
P
L
J
Dual ARM Cortex-A15 Microprocessor
Subsystem
MPU core 0
Yes
Yes
Yes
MPU core 1
Yes
Yes
Yes
C66x VLIW DSP
DSP1
(with L1D ECC)
Yes
Yes
Yes
DSP2
(with L1D ECC)
Yes
Yes
No
BitBLT 2D Hardware Acceleration Engine
BB2D
Yes
Yes
Yes
Display Subsystem
VOUT1
Yes(1)
Yes(1)
Yes(1)
VOUT2
Yes(1)
Yes(1)
Yes(1)
VOUT3
Yes(1)
Yes(1)
Yes(1)
HDMI
Yes
Yes
Yes
Embedded Vision Engine
EVE1
Yes
No
No
EVE2
Yes
No
No
Dual ARM Cortex-M4 Image Processing Unit
IPU1
Yes
Yes
Yes
IPU2
Yes
Yes
Yes
Image Video Accelarator
IVA
Yes
Yes
Yes
SGX544 Dual-Core 3D Graphics Processing
Unit
GPU
Yes
Yes
Yes
Imaging Subsystem (ISS)
ISP
Optional(2)
Optional(2)
Optional(2)
WDR & Mesh(6)
Optional(2)
Optional(2)
Optional(2)
CAL_B
Optional(2)
Optional(2)
Optional(2)


Similar Part No. - DRA75XP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA75XP TI1-DRA75XP Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75XP TI1-DRA75XP Datasheet
6Mb / 484P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
More results

Similar Description - DRA75XP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA75P TI1-DRA75P_19 Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P_19 Datasheet
6Mb / 485P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P Datasheet
5Mb / 476P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA80M TI1-DRA80M Datasheet
2Mb / 278P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P_1905 TI1-DRA75P_1905 Datasheet
6Mb / 484P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA722 TI1-DRA722 Datasheet
5Mb / 409P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA72 TI1-DRA72 Datasheet
4Mb / 411P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA75 TI1-DRA75 Datasheet
5Mb / 443P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
OMAP-L137 TI-OMAP-L137_1 Datasheet
71Kb / 7P
[Old version datasheet]   Low-Power Applications Processor Silicon Revision 1.0
DRA744 TI1-DRA744 Datasheet
7Mb / 443P
[Old version datasheet]   DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com