Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC60508MRTER Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC60508MRTER
Description  Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC60508MRTER Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC60508MRTER Datasheet HTML 3Page - Texas Instruments DAC60508MRTER Datasheet HTML 4Page - Texas Instruments DAC60508MRTER Datasheet HTML 5Page - Texas Instruments DAC60508MRTER Datasheet HTML 6Page - Texas Instruments DAC60508MRTER Datasheet HTML 7Page - Texas Instruments DAC60508MRTER Datasheet HTML 8Page - Texas Instruments DAC60508MRTER Datasheet HTML 9Page - Texas Instruments DAC60508MRTER Datasheet HTML 10Page - Texas Instruments DAC60508MRTER Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
7
DAC80508Z, DAC70508Z, DAC60508Z, DAC80508M, DAC70508M, DAC60508M
www.ti.com
SLASEL1B – JUNE 2017 – REVISED JANUARY 2018
Product Folder Links: DAC80508Z DAC70508Z DAC60508Z DAC80508M DAC70508M DAC60508M
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
All minimum and maximum specifications at VDD= 2.7 V to 5.5 V, VIO = 1.7 V to 5.5 V, VREFIN = 1.25 V to 5.5 V, RLOAD = 2 kΩ
to GND, CLOAD = 200 pF to GND, digital inputs at VIO or GND, TA = –40°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
Temporary overload condition protection. Junction temperature can be exceeded during current limit. Operation above the specified
maximum junction temperature may impair device reliability.
(3)
Specified by design and characterization. Not tested during production.
(4)
Time to exit DAC power-down mode. Measured from CS rising edge to 90% of DAC final value.
OUTPUT CHARACTERISTICS
Voltage range
Gain = 2 (BUFF-GAIN = 1, REF-DIV = 0)
0
2 × VREF
V
Gain = 1 (BUFF-GAIN = 1, REF-DIV = 1)
0
VREF
Gain = ½ (BUFF-GAIN = 0, REF-DIV = 1)
0
½ × VREF
Output voltage headroom
to GND or VDD (unloaded)
0.004
V
to GND or VDD (-5 mA ≤ IOUT ≤ 5 mA)
0.15
to GND or VDD (-10 mA ≤ IOUT ≤ 10 mA)
0.3
to GND or VDD (-20 mA ≤ IOUT ≤ 20 mA)
0.5
Short circuit current
(2)
DAC code = full scale. Output shorted to GND
35
mA
DAC code = zero scale. Output shorted to VDD
30
Load regulation
DAC code = midscale, -10 mA
≤ IOUT ≤ 10 mA
85
µV/mA
Maximum capacitive load
(3)
RLOAD = ∞
0
2
nF
RLOAD = 2 kΩ
0
10
DC output impedance
DAC code = midscale
0.085
Ω
DAC output at GND or VDD
15
DYNAMIC PERFORMANCE
Output voltage settling time
¼ to ¾ scale and ¾ to ¼ scale settling time to ±2
LSB, VDD = 5.5 V, VREFIN = 2.5 V, Gain = 2
5
µs
Slew rate
VDD = 5.5 V, VREFIN = 2.5 V, Gain = 2
1.8
V/µs
Power-up time
DACx-PWDWN 1 to 0 transition. DAC code = full
scale. VDD = 5.5 V, VREFIN = 2.5 V, Gain = 2
(4)
12
µs
Power-up glitch magnitude
DAC code = zero scale. VDD = 5.5 V, VREFIN = 2.5 V,
Gain = 2. CLOAD = 50 pF
25
mV
Output noise
0.1 Hz to 10 Hz, DAC code = midscale, VDD = 5.5 V,
VREFIN = 2.5 V, Gain = 2
14
µVpp
Output noise density
1 kHz, DAC code = midscale, VDD = 5.5 V, VREFIN =
2.5 V, Gain = 2
78
nV/
√Hz
10 kHz, DAC code = midscale, VDD = 5.5 V, VREFIN =
2.5 V, Gain = 2
74
1 kHz, DAC code = full scale, VDD = 5.5 V, VREFIN =
2.5 V, Gain = 1
55
10 kHz, DAC code = full scale, VDD = 5.5 V, VREFIN =
2.5 V, Gain = 1
50
AC PSRR
DAC code = midscale, frequency = 60 Hz, amplitude
= 200 mVPP superimposed on VDD
85
dB
DC PSRR
DAC code = midscale, VDD = 5 V ± 10%
10
µV/V
Code change glitch impulse
1 LSB change around major carrier
4
nV-s
Channel to Channel AC crosstalk
DAC code = midscale. Code 32 to full-scale swing on
adjacent channel
0.2
nV-s
Channel to Channel DC crosstalk
Measured channel at midscale. Adjacent channel at
full scale.
10
µV
Measured channel at midscale. All other channels at
full scale.
80
Digital feedthrough
DAC code = midscale. fSCLK = 1 MHz, SDO disabled
0.1
nV-s
EXTERNAL REFERENCE INPUT
Reference input current
VREFIN = 2.5 V
25
µA
Reference input impedance
100
Reference input capacitance
5
pF


Similar Part No. - DAC60508MRTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC60508MRTER TI1-DAC60508MRTER Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
More results

Similar Description - DAC60508MRTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80504 TI1-DAC80504 Datasheet
85Kb / 4P
[Old version datasheet]   Quad, 16-Bit, SPI Voltage Output DAC With Internal Reference
DAC80504 TI1-DAC80504_19 Datasheet
1Mb / 49P
[Old version datasheet]   Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
logo
Wolfson Microelectronic...
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
logo
Texas Instruments
DAC80504 TI1-DAC80504_18 Datasheet
2Mb / 48P
[Old version datasheet]   Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80504 TI1-DAC80504_17 Datasheet
2Mb / 48P
[Old version datasheet]   Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
logo
Wolfson Microelectronic...
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
   12-bit Serial Input Voltage Output DAC with Internal Reference
WM2639 WOLFSON-WM2639 Datasheet
342Kb / 10P
   12-Bit Parallel Input Voltage Output DAC with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com