Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CDCM6208V2RGZT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V2RGZT
Description  2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V2RGZT Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCM6208V2RGZT Datasheet HTML 3Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 4Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 5Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 6Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 7Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 8Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 9Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 10Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
7
CDCM6208
www.ti.com
SCAS931G – MAY 2012 – REVISED JANUARY 2018
Product Folder Links: CDCM6208
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
(1)
For fast power up ramps under 50 ms and when all supply pins are driven from the same power supply source, PDN can be left floating.
For slower power-up ramps or if supply pins are sequenced with uncertain time delays, PDN needs to be held low until DVDD,
VDD_PLLx, and VDD_PRI/SEC reach at least 1.45-V supply voltage. See application section on mixing power supplies and particularly
Figure 59 for details.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD_Yx_Yy
Output supply voltage
1.71
1.8/2.5/3.3
3.465
V
VDD_PLL1,
VDD_PLL2
Core analog supply voltage
1.71
1.8/2.5/3.3
3.465
V
DVDD
Core digital supply voltage
1.71
1.8/2.5/3.3
3.465
V
VDD_PRI,
VDD_SEC
Reference input supply voltage
1.71
1.8/2.5/3.3
3.465
V
ΔVDD/Δt
VDD power-up ramp time (0 to 3.3 V) PDN left open,
all VDD tight together PDN low-high is delayed (1)
50 < tPDN
ms
TA
Ambient Temperature
–40
85
°C
SDA and SCL in I2C Mode (SI_MODE[1:0] = 01)
VI
Input voltage
DVDD = 1.8 V
–0.5
2.45
V
DVDD = 3.3 V
–0.5
3.965
V
dR
Data rate
100
400
kbps
VIH
High-level input voltage
0.7 × DVDD
V
VIL
Low-level input voltage
0.3 × DVDD
V
CBUS_I2C
Total capacitive load for each bus line
400
pF
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report.
(2)
The package thermal resistance is calculated in accordance with JESD 51 and JEDEC2S2P (high-k board).
(3)
Connected to GND with 36 thermal vias (0.3-mm diameter).
(4)
θJB (junction to board) is used for the VQFN package, the main heat flow is from the junction to the GND pad of the VQFN.
6.4 Thermal Information, Airflow = 0 LFM
(1) (2) (3) (4)
THERMAL METRIC(1)
CDCM6208
UNIT
RGZ (VQFN)
48 PINS
RθJA
Junction-to-ambient thermal resistance
30.27
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
16.58
°C/W
RθJB
Junction-to-board thermal resistance
6.83
°C/W
ψJT
Junction-to-top characterization parameter
0.23
°C/W
ψJB
Junction-to-board characterization parameter
6.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.06
°C/W


Similar Part No. - CDCM6208V2RGZT

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208V2RGZT TI-CDCM6208V2RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
More results

Similar Description - CDCM6208V2RGZT

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Analog Devices
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
Texas Instruments
Texas Instruments
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com