Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V2RGZT Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V2RGZT
Description  2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V2RGZT Datasheet(HTML) 69 Page - Texas Instruments

Back Button CDCM6208V2RGZT Datasheet HTML 65Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 66Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 67Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 68Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 69Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 70Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 71Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 72Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
SEC_REF
VCO
=
M
(N × PS_A)
f
f
PRI_REF
VCO
=
(M × R)
(N × PS_A)
f
f
A
Ref -14.1 dBm
At t
5 dB
*
*
*
*
1
R M
C L R W R
RBW 30 kHz
VBW 300 kHz
SWT 1 s
N O R
*
Center 245.76 MHz
Span 25.5 MHz
2.55 MHz/
PRN
- 1 1 0
- 1 0 0
- 9 0
- 8 0
- 7 0
- 6 0
- 5 0
- 4 0
- 3 0
-20
Tx Channe l
W-CDMA 3GPP FWD
Bandwi dth
3.84 MHz
P o w e r
- 9 . 3 9
d B m
Ad j acent Channe l
Bandwi dth
3.84 MHz
L o w e r
- 7 2 . 8 1
d B
Spac i ng
5 MHz
U p p e r
- 7 2 . 4 0
d B
Al ternate Channe l
Bandwi dth
3.84 MHz
L o w e r
- 7 7 . 7 9
d B
Spac i ng
10 MHz
U p p e r
- 7 8 . 3 1
d B
A
Ref -14.1 dBm
At t
5 dB
*
*
*
*
1
R M
C L R W R
RBW 30 kHz
VBW 300 kHz
SWT 1 s
N O R
*
Center 245.76 MHz
Span 25.5 MHz
2.55 MHz/
PRN
- 1 1 0
- 1 0 0
- 9 0
- 8 0
- 7 0
- 6 0
- 5 0
- 4 0
- 3 0
-20
Tx Channe l
W-CDMA 3GPP FWD
Bandwi dth
3.84 MHz
P o w e r
- 9 . 4 0
d B m
Ad j acent Channe l
Bandwi dth
3.84 MHz
L o w e r
- 7 3 . 1 2
d B
Spac i ng
5 MHz
U p p e r
- 7 3 . 0 6
d B
Al ternate Channe l
Bandwi dth
3.84 MHz
L o w e r
- 7 9 . 2 2
d B
Spac i ng
10 MHz
U p p e r
- 7 9 . 1 9
d B
245.76MHz DAC
driven from ³LGHDO VRXUFH´
(Wenzel oscillator buffered by HP8133A)
245.76MHz DAC
driven from CDCM6208
(no performance degradation observed)
69
CDCM6208
www.ti.com
SCAS931G – MAY 2012 – REVISED JANUARY 2018
Product Folder Links: CDCM6208
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
Observation: Up to an IF = 100 MHz, the ADC performance when driven by the CDCM6208 (Figure 53) is
similar to when the ADC is driven by an expensive lab signal generator with additional passive source filtering
(Figure 52).
Conclusion: Therefore, the CDCM6208 is usable for applications up to 100 MHz IF. For IF above 100 MHz, the
SNR starts degrading in our experiments. Measurements were conducted with ADC connected to Y0 and other
outputs running at different integer frequencies.
NOTE
For crosstalk, TI highly recommends configuring both pre-dividers identically, otherwise
the SFDR and SNR suffer due to crosstalk between the two pre-divider frequencies.
Figure 54. DAC Driven by Lab Source and CDCM6208 in Comparison (Performance Identical)
Observation/Conclusion: The DAC performance was not degraded at all by the CDCM6208 compared to
driving the DAC with a perfect lab source. Therefore, the CDCM6208 provides sufficient low noise to drive a
245.76 MHz DAC.
9.2.2.3 Configuring the PLL
The CDCM6208 allows configuring the PLL to accommodate various input and output frequencies either through
an I2C or SPI programming interface or in the absence of programming, the PLL can be configured through
control pins. The PLL can be configured by setting the Smart Input MUX, Reference Divider, PLL Loop Filter,
Feedback Divider, Prescaler Divider, and Output Dividers.
For the PLL to operate in closed-loop mode, the following condition in Equation 1 has to be met when using
primary input for the reference clock, and the condition in Equation 2 has to be met when using secondary input
for the reference clock.
(1)
(2)
In Equation 1 and Equation 2, ƒPRI_REF is the reference input frequency on the primary input and ƒSEC_REF is the
reference input frequency on the secondary input, R is the reference divider, M is the input divider, N is the
feedback divider, and PS_A the prescaler divider A.


Similar Part No. - CDCM6208V2RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V2RGZT TI-CDCM6208V2RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
More results

Similar Description - CDCM6208V2RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com