Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CDCM6208V2RGZT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V2RGZT
Description  2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V2RGZT Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCM6208V2RGZT Datasheet HTML 2Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 3Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 4Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 5Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 6Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 7Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 8Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 9Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
6
CDCM6208
SCAS931G – MAY 2012 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: CDCM6208
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
TYPE
DESCRIPTION
NAME
NO.
(2)
Note: the device cannot be programmed in I2C while RESETN is held low.
RESETN/PWR
44
Input
LVCMOS
with 50-kΩ pullup
In SPI/I2C programming mode, external RESETN signal (active low).
RESETN = V IL: device in reset (registers values are retained)
RESETN = V IH: device active. The device can be programmed
through SPI while RESETN is held low (this is useful to avoid any
false output frequencies at power up). (2)
In Pin mode this pin controls device core and I/O supply voltage
setting. 0 = 1.8 V, 1 = 2.5/3.3 V for the device core and I/O power
supply voltage. In pin mode, it is not possible to mix and match the
supplies. All supplies should either be 1.8 V or 2.5/3.3 V.
REG_CAP
40
Output
Analog
Regulator Capacitor; connect a 10-µF cap with ESR below 1 Ω to
GND at frequencies above 100 kHz
PDN
43
Input
LVCMOS
with 50-kΩ pullup
Power Down Active low. When PDN = VIH is normal operation.
When PDN = VIL, the device is disabled and current consumption
minimized. Exiting power down resets the entire device and defaults
all registers. It is recommended to connect a capacitor to GND to
hold the device in power-down until the digital and PLL related
power supplies are stable. See section on power down in the
application section.
SYNCN
42
Input
LVCMOS
with 50-kΩ pullup
Active low. Device outputs are synchronized on a low-to-high
transition on the SYNCN pin. SYNCN held low disables all outputs.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD_PRI, VDD_SEC,
VDD_Yx_Yy,
VDD_PLL[2:1], DVDD
Supply voltage
–0.5
4.6
V
VIN
Input voltage for CMOS control inputs
–0.5
4.6
AND
V DVDD+ 0.5
V
Input voltage for PRI/SEC inputs
4.6
AND
VVDDPRI.SEC+
0.5
V
VOUT
Output voltage
–0.5
VYxYy+ 0.5
V
IIN
Input current
20
mA
IOUT
Output current
50
mA
TJ
Junction temperature
125
°C
Tstg
Storage temperature
–65
150
°C
(1)
Electrostatic discharge (ESD) to measure device sensitivity and immunity to damage caused by assembly line electrostatic discharges in
to the device.
(2)
Level listed above is the passing level per ANSI/ESDA/JEDEC JS-001. JEDEC document JEP155 states that 500-V HBM allows safe
manufacturing with a standard ESD control process.
(3)
Level listed above is the passing level per EIA-JEDEC JESD22-C101. JEDEC document JEP157 states that 250-V CDM allows safe
manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
VESD
(1)
Electrostatic discharge
Human Body Model (HBM) ESD Stress Voltage (2)
±2000
V
Charged Device Model (CDM) ESD Stress Voltage(3)
±500


Similar Part No. - CDCM6208V2RGZT

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208V2RGZT TI-CDCM6208V2RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
More results

Similar Description - CDCM6208V2RGZT

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Analog Devices
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
Texas Instruments
Texas Instruments
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com