Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CDCM6208V2RGZT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V2RGZT
Description  2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V2RGZT Datasheet(HTML) 3 Page - Texas Instruments

  CDCM6208V2RGZT Datasheet HTML 1Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 2Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 3Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 4Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 5Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 6Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 7Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 8Page - Texas Instruments CDCM6208V2RGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
3
CDCM6208
www.ti.com
SCAS931G – MAY 2012 – REVISED JANUARY 2018
Product Folder Links: CDCM6208
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
Changes from Revision D (March 2013) to Revision E
Page
Changed the data sheet layout to the new TI standard ......................................................................................................... 1
Added the Handling Ratings table .......................................................................................................................................... 6
Changed Pullup and Pulldown value From: MIN = 40 To: 35 kΩ and MAX = 60 To: 65 kΩ ................................................ 9
Changed the from Random Jitter, Maximum in Table 2 From: 10k - 20MHZ To: 12k - 20MHZ and From: 0.5 ps-rms
(int div) To: 0.3 ps-rms (int div) ............................................................................................................................................ 27
Added new Note 1 to Table 2............................................................................................................................................... 27
Changes from Revision C (September 2012) to Revision D
Page
Changed the Description of pin VDD_PRI_REF .................................................................................................................... 4
Changed the Description of pin VDD_SEC_REF ................................................................................................................... 4
Changed Figure 35 ............................................................................................................................................................... 33
Changed Table 6 - Note 2 and row 10 - 0x1C, PinMode 29-V1, fout(Y7) From: 33.33 To: 44.44....................................... 36
Changed Table 8 - Note 2 and row 10 - 0x13, PinMode 20-V2, fout(Y7) From: 25 To: 12.5 .............................................. 40
Changed text in the PLL lock detect section From: "1/1000
th of the input reference frequency" To: "1/1000 th of the
PFD update frequency" ........................................................................................................................................................ 45
Changed text in the PLL lock detect section From: "approximately 1000 input clock cycles" To: "approximately 1000
PFD update clock cycles" ..................................................................................................................................................... 45
Changed Figure 60, From: PDN held Low To: RESETN held low ....................................................................................... 76
Changed Equation 4 ............................................................................................................................................................. 78
Changes from Revision B (August 2012) to Revision C
Page
Changed Table 39, 2:0 DIE_REVISION Description............................................................................................................ 63
Added text "Example: SERDES link with KeyStone™ I DSP" ............................................................................................. 66
Changes from Revision A (June 2012) to Revision B
Page
Editorial changes made throughout the data sheet................................................................................................................ 1
Changed the Description of pin VDD_PRI_REF .................................................................................................................... 4
Changed the Description of pin VDD_SEC_REF ................................................................................................................... 4
Added Table Note 1 to the description of pin 44. ................................................................................................................... 6
Added Note to the Preventing false output frequencies in SPI/I2C mode at startup: section.............................................. 34
Changed the NOTE following Table 12................................................................................................................................ 45
Added Note to the I
2C SERIAL INTERFACE section........................................................................................................... 49
Deleted text "All outputs PECL (Y4:0) and LVDS (Y7:4)." from the Conclusion statement ................................................. 69
Changed the text in the OUTPUT MUX on Y4 and Y5 section............................................................................................ 73
Changed the text in item 1 of the Staggered CLK output powerup for power sequencing of a DSP section...................... 73
Changed the first paragraph in the Power Down section..................................................................................................... 78
Changed the first paragraph in the Power Supply Ripple Rejection (PSRR) versus Ripple Frequency section ................. 78
Changes from Original (May 2012) to Revision A
Page
Changed the device From: Product Preview To: Production ................................................................................................. 1
Section Header From: RESTN, PWR, SYNC To: RESETN, PWR, SYNCN, PDN, REF_SEL, SI_MODE[1:0]..................... 9
Changed the RPULLUP parametres From: RPULLUP - Input Pullup Resistor To: R - Input Pullup and Pulldown Resistor ......... 9


Similar Part No. - CDCM6208V2RGZT

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208V2RGZT TI-CDCM6208V2RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
More results

Similar Description - CDCM6208V2RGZT

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Analog Devices
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
Texas Instruments
Texas Instruments
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com