Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZR Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZR
Description  2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1RGZR Datasheet(HTML) 67 Page - Texas Instruments

Back Button CDCM6208V1RGZR Datasheet HTML 63Page - Texas Instruments CDCM6208V1RGZR Datasheet HTML 64Page - Texas Instruments CDCM6208V1RGZR Datasheet HTML 65Page - Texas Instruments CDCM6208V1RGZR Datasheet HTML 66Page - Texas Instruments CDCM6208V1RGZR Datasheet HTML 67Page - Texas Instruments CDCM6208V1RGZR Datasheet HTML 68Page - Texas Instruments CDCM6208V1RGZR Datasheet HTML 69Page - Texas Instruments CDCM6208V1RGZR Datasheet HTML 70Page - Texas Instruments CDCM6208V1RGZR Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
67
CDCM6208
www.ti.com
SCAS931G – MAY 2012 – REVISED JANUARY 2018
Product Folder Links: CDCM6208
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
Typical Applications (continued)
(1)
Input signal: 250-fs RMS (Integration Range 12 kHz to 5 MHz)
Table 41 shows the maximum total jitter over PVT with and without a low-pass filter.
Table 41. Maximum Total Jitter(1) Over PVT With and Without Low-Pass Filter
OUTPUT
FREQUENCY
[MHz]
MAX TJ [ps]
DSP SPEC
MAX TJ [ps]
WITHOUT LOW-PASS FILTER
MAX TJ [ps]
WITH 13-MHZ LOW-PASS
FILTER
Y0
122.88
56
9.43
8.19
Y2
30.72
56
9.60
7.36
Y3
30.72
56
9.47
7.42
Y4
156.25
(6 bit fraction)
56
57.66
17.48
Y5
156.25
(20 bit fraction)
56
76.87
32.32
Y6
100.00
56
86.30
33.86
Y7
66.667
300
81.71
35.77
Figure 51 shows the maximum Total Jitter with and without low-pass filter characteristic and the maximum TI
KeyStone™ I specification.
Figure 51. Maximum Jitter Over PVT
NOTE
Due to the damping characteristic of the DSP SERDES PLLs, the actual TJ data can be
worse.


Similar Part No. - CDCM6208V1RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
More results

Similar Description - CDCM6208V1RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com