Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2560ARVMT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CC2560ARVMT
Description  Dual-Mode Bluetooth Controller
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2560ARVMT Datasheet(HTML) 4 Page - Texas Instruments

  CC2560ARVMT Datasheet HTML 1Page - Texas Instruments CC2560ARVMT Datasheet HTML 2Page - Texas Instruments CC2560ARVMT Datasheet HTML 3Page - Texas Instruments CC2560ARVMT Datasheet HTML 4Page - Texas Instruments CC2560ARVMT Datasheet HTML 5Page - Texas Instruments CC2560ARVMT Datasheet HTML 6Page - Texas Instruments CC2560ARVMT Datasheet HTML 7Page - Texas Instruments CC2560ARVMT Datasheet HTML 8Page - Texas Instruments CC2560ARVMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
CC2560A NRND; CC2564 NRND
4
CC2560A, CC2560B, CC2564, CC2564B
SWRS121E – JULY 2012 – REVISED JANUARY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2560A CC2560B CC2564 CC2564B
Revision History
Copyright © 2012–2016, Texas Instruments Incorporated
Table of Contents
1
Device Overview
......................................... 1
1.1
Features
.............................................. 1
1.2
Applications
........................................... 1
1.3
Description
............................................ 2
1.4
Functional Block Diagram
............................ 3
2
Revision History
......................................... 4
3
Device Comparison
..................................... 5
4
Terminal Configuration and Functions
.............. 6
4.1
Pin Attributes
......................................... 7
4.2
Connections for Unused Signals
..................... 8
5
Specifications
............................................ 9
5.1
Absolute Maximum Ratings
.......................... 9
5.2
ESD Ratings
.......................................... 9
5.3
Power-On Hours
...................................... 9
5.4
Recommended Operating Conditions
................ 9
5.5
Power Consumption Summary
...................... 10
5.6
Electrical Characteristics
............................ 11
5.7
Timing and Switching Characteristics
............... 12
6
Detailed Description
................................... 21
6.1
Overview
............................................ 21
6.2
Functional Block Diagram
........................... 21
6.3
Clock Inputs
......................................... 21
6.4
Functional Blocks
.................................... 24
6.5
Bluetooth BR/EDR Features
........................ 34
6.6
Bluetooth LE Description
............................ 35
6.7
Bluetooth Transport Layers
......................... 36
6.8
Changes from CC2560A and CC2564 to CC2560B
and CC2564B Devices
.............................. 36
7
Applications, Implementation, and Layout
........ 37
7.1
Reference Design Schematics and BOM for Power
and Radio Connections
............................. 37
8
Device and Documentation Support
............... 38
8.1
Device Support
...................................... 38
8.2
Documentation Support
............................. 38
8.3
Related Links
........................................ 38
8.4
Community Resources
.............................. 39
8.5
Trademarks
.......................................... 39
8.6
Electrostatic Discharge Caution
..................... 39
8.7
Glossary
............................................. 39
9
Mechanical, Packaging, and Orderable
Information
.............................................. 40
9.1
mrQFN Mechanical Data
............................ 40
9.2
Packaging and Ordering
............................ 42
2
Revision History
Changes from Revision D (January 2014) to Revision E
Page
Changed organizational flow of document in compliance with Data Sheet Council standard
.............................. 1
Changed document title
............................................................................................................. 1
Changed Section 1.1, Features
..................................................................................................... 1
Changed Section 1.3, Description
.................................................................................................. 2
Changed Device Information table
................................................................................................. 2
Added Section 5.2, ESD Ratings
.................................................................................................. 9
Changed values for continuous transmission for GFSK and EDR in Section 5.5.1, Static Current Consumption
.... 10
Deleted idle mode in Section 5.5.1, Static Current Consumption
............................................................ 10
Changed values for average current in Section 5.5.2.2, Current Consumption for Different LE Scenarios
............ 11
Added supported crystal frequency in Section 6.3.2.3, Fast Clock Using External Crystal
.............................. 24
Changed Section 6.4.4, Assisted Modes (CC2560B and CC2564B Devices)
............................................. 30
Added dual channel support in Table 6-5
........................................................................................ 32
Added 4, 8. and 12 block lengths in Table 6-7
.................................................................................. 32
Added 4 subband support in Table 6-8
........................................................................................... 32
Added SNR support in Table 6-9
................................................................................................. 32
Added Assisted A2DP sink range of 2–54 in Table 6-10
...................................................................... 32
Changed Section 6.5, Bluetooth BR/EDR Description
........................................................................ 34
Changed Section 6.6, Bluetooth LE Description
............................................................................... 35
Changed Figure 7-1
................................................................................................................. 37
Changed description of 0.1-µF and 1.0-µF capacitors and of reference designators C31 and U5 and in Table 7-1
.. 37
Changed A1 corner orientation in Figure 9-3
................................................................................... 43


Similar Part No. - CC2560ARVMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2560ARVMT TI1-CC2560ARVMT Datasheet
567Kb / 47P
[Old version datasheet]   Bluetooth짰 Smart Ready Controller
CC2560ARVMT TI1-CC2560ARVMT Datasheet
1Mb / 51P
[Old version datasheet]   Bluetooth and Dual-Mode Controller
CC2560ARVMT TI1-CC2560ARVMT Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Mode Bluetooth Controller
CC2560ARVMT TI1-CC2560ARVMT Datasheet
1Mb / 52P
[Old version datasheet]   Dual-Mode Bluetooth Controller
More results

Similar Description - CC2560ARVMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2560A TI1-CC2560A Datasheet
1Mb / 52P
[Old version datasheet]   Dual-Mode Bluetooth Controller
CC2560A TI1-CC2560A_16 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Mode Bluetooth Controller
CC256X TI1-CC256X_13 Datasheet
1Mb / 51P
[Old version datasheet]   Bluetooth and Dual-Mode Controller
CC2564C TI1-CC2564C Datasheet
863Kb / 52P
[Old version datasheet]   CC2564C Dual-Mode Bluetooth Controller
logo
Microchip Technology
BM78 MICROCHIP-BM78_V01 Datasheet
3Mb / 60P
   Bluetooth® Dual-Mode Module
2016-2019
logo
List of Unclassifed Man...
IS1002 ETC1-IS1002 Datasheet
84Kb / 13P
   Bluetooth Baseband Controller
logo
Motorola, Inc
MC71000 MOTOROLA-MC71000 Datasheet
556Kb / 32P
   Bluetooth Baseband Controller
logo
NXP Semiconductors
PCF87852 PHILIPS-PCF87852 Datasheet
73Kb / 12P
   Bluetooth baseband controller
Rev. 01-23 April 2004
logo
Panasonic Semiconductor
PAN1026 PANASONIC-PAN1026 Datasheet
388Kb / 2P
   Dual Mode, Place and Play Bluetooth Module
logo
IOGEAR
GBU522 IOGEAR-GBU522 Datasheet
154Kb / 3P
   Mini USB Dual-Mode Bluetooth 4.0 Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com