Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1HRGZR Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1HRGZR
Description  2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1HRGZR Datasheet(HTML) 72 Page - Texas Instruments

Back Button CDCM6208V1HRGZR Datasheet HTML 68Page - Texas Instruments CDCM6208V1HRGZR Datasheet HTML 69Page - Texas Instruments CDCM6208V1HRGZR Datasheet HTML 70Page - Texas Instruments CDCM6208V1HRGZR Datasheet HTML 71Page - Texas Instruments CDCM6208V1HRGZR Datasheet HTML 72Page - Texas Instruments CDCM6208V1HRGZR Datasheet HTML 73Page - Texas Instruments CDCM6208V1HRGZR Datasheet HTML 74Page - Texas Instruments CDCM6208V1HRGZR Datasheet HTML 75Page - Texas Instruments CDCM6208V1HRGZR Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
÷ 1, 2 or 3
Pre-Scaler
output clock
398-800MHz
Limit: 200-400MHz
÷ 4, 5 or 6
VCO
2.39-2.55GHz
2.94-3.13GHz
Pre-Scaler PS_A or PS_B
FracDiv Pre Divider
Reg 9.12:10
Reg 12.12:10
Reg 15.12:10
Reg 18.12:10
÷ 1 to 256
Reg 10.11:4
Reg 13.11:4
Reg 16.11:4
Reg 19.11:4
Integer Divider
Reg 3.4:0
.xxx
Reg 10.3:0 + Reg 11
Reg 13.3:0 + Reg 14
Reg 16.3:0 + Reg 17
Reg 19.3:0 + Reg 20
Fractional Divider (simplified)
Fractional division
72
CDCM6208
SCAS931G – MAY 2012 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: CDCM6208
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
9.2.2.8 Fractional Output Divider (FOD)
The CDCM6208 incorporates a fractional output divider on Y[7:4], allowing these outputs to run at non-integer
output divide ratios of the PLL frequencies. This feature is useful when systems require different, unrelated
frequencies. The fractional output divider architecture is shown in Figure 56.
Figure 56. Fractional Output Divider Principle Architecture (Simplified Graphic, not Showing Output
Divider Bypass Options)
The fractional output divider requires an input frequency between 400 MHz and 800 MHz, and outputs any
frequency equal or less than 400 MHz (the minimum fractional output divider setting is 2). The fractional divider
block has a first stage integer pre-divider followed by a fractional sigma-delta output divider block that is deep
enough such as to generate any output frequency in the range of 0.78 MHz to 400 MHz from any input frequency
in the range of 400 MHz to 800 MHz with a worst case frequency accuracy of no more than ±1ppm. The
fractional values available are all possible 20-b representations of fractions within the following range:
1.0
≤ ƒracDIV ≤ 1.9375
2.0
≤ ƒracDIV ≤ 3.875
4.0
≤ ƒracDIV ≤ 5.875
x.0
≤ ƒracDIV ≤ (x + 1) + 0.875 with x being all even numbers from x = 2, 4, 6, 8, 10, ...., 254
254.0
≤ ƒracDIV ≤ 255.875
256.0
≤ ƒracDIV ≤ 256.99999
The CDCM6208 user GUI comprehends the fractional divider limitations; therefore, using the GUI to comprehend
frequency planning is recommended.
The fractional divider output jitter is a function of fractional divider input frequency and furthermore depends on
which bits are exercised within the fractional divider. Exercising only MSB or LSB bits provides better jitter than
exercising bits near the center of the fractional divider. Jitter data are provided in this document, and vary from
50 ps-pp to 200 ps-pp, when the device is operated as a frequency synthesizer with high PLL bandwidths
(approximately 100 kHz to 400 kHz). When the device is operated as a jitter cleaner with low PLL bandwidths (<
1 kHz), its additive total jitter increases by as much as 30 ps-pp. The fractional divider can be used in integer
mode. However, if only an integer divide ratio is needed, it is important to disable the corresponding fractional
divider enable bit, which engages the higher performing integer divider.
9.2.2.9 Output Synchronization
Both types of output dividers can be synchronized using the SYNCN signal. For the CDCM6208, this signal
comes from the SYNCN pin or the soft SYNCN register bit R3.5. The most common way to execute the output
synchronization is to toggle the SYNCN pin. When SYNC is asserted (VSYNCN ≤ VIL), all outputs are disabled
(high-impedance) and the output dividers are reset. When SYNC is de-asserted (VSYNCN ≥ VIH), the device first
internally latches the signal, then retimes the signal with the pre-scaler, and finally turns all outputs on
simultaneously. The first rising edge of the outputs is therefore approximately 15 ns to 20 ns delayed from the
SYNC pin assertion. For one particular device configuration, the uncertainty of the delay is ±1 PS_A clock cycles.
For one particular device and one particular configuration, the delay uncertainty is one PS_A clock cycle.


Similar Part No. - CDCM6208V1HRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1FRGZR TI1-CDCM6208V1FRGZR Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1FRGZT TI1-CDCM6208V1FRGZT Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
More results

Similar Description - CDCM6208V1HRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com