Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1HRGZR Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1HRGZR
Description  2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1HRGZR Datasheet(HTML) 40 Page - Texas Instruments

Back Button CDCM6208V1HRGZR Datasheet HTML 36Page - Texas Instruments CDCM6208V1HRGZR Datasheet HTML 37Page - Texas Instruments CDCM6208V1HRGZR Datasheet HTML 38Page - Texas Instruments CDCM6208V1HRGZR Datasheet HTML 39Page - Texas Instruments CDCM6208V1HRGZR Datasheet HTML 40Page - Texas Instruments CDCM6208V1HRGZR Datasheet HTML 41Page - Texas Instruments CDCM6208V1HRGZR Datasheet HTML 42Page - Texas Instruments CDCM6208V1HRGZR Datasheet HTML 43Page - Texas Instruments CDCM6208V1HRGZR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
CDCM6208
SCAS931G – MAY 2012 – REVISED JANUARY 2018
www.ti.com
40
Product Folder Links: CDCM6208
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
(1)
The functionality of the status 0 and status 1 pins in SPI and I2C mode is programmable.
(2)
The REF_SEL input pin selects the primary or secondary input in MANUAL mode. That is: If the system only uses a XTAL on the secondary input, REF_SEL should be tied to VDD. The
primary and secondary input stage power supply must be always connected.
For all pin modes, STATUS0 outputs the PLL_LOCK signal and STATUS1 the LOSS OF REFERENCE.
General Note: in all pin mode, all voltage supplies must either be 1.8 V or 2.5/3.3 V and the PWR pin number 44 must be set to 0 or 1 accordingly. In SPI and I2C mode, the supply
voltages can be mixed and matched as long as the corresponding register bits reflect the supply voltage setting for each desired 1.8-V or 2.5/3.3-V supply.
Table 8. Pre-Configured Settings of CDCM6208V2 Accessible by PIN[4:0](1)(2)
UseCase
Type
Type
f(PFD)
f(VCO)
Type
Type
Type
Type
Type
Type
Type
Type
00
I/O
SPI Default
30.72
LVDS
30.72
Crystal
MANU
30.72
3072
153.60
LVDS
153.60
LVDS
122.88
LVDS
122.88
LVDS
61.44
LVDS
61.44
LVDS
30.72
LVDS
30.72
LVDS
01
I/O
I2C Default
30.72
LVDS
30.72
Crystal
MANU
30.72
3072
153.60
LVDS
153.60
LVDS
122.88
LVDS
122.88
LVDS
61.44
LVDS
61.44
LVDS
30.72
LVDS
30.72
LVDS
11
RESERVED
10
0x00
PinMode 1-V2
19.44
LVDS
19.44
Crystal
MANU
19.44
3110.4
155.52
PECL
155.52
PECL
155.52
PECL
155.52
PECL
155.52
LVDS
155.52
LVDS
155.52
LVDS
155.52
LVDS
10
0x01
PinMode 2-V2
19.44
LVDS
19.44
Crystal
MANU
19.44
3110.4
155.52
PECL
155.52
PECL
155.52
PECL
155.52
PECL
155.52
LVDS
155.52
LVDS
155.52
LVDS
155.52
LVDS
10
0x02
PinMode 3-V2
19.44
LVDS
19.44
Crystal
MANU
19.44
3110.4
155.52
PECL
155.52
PECL
155.52
PECL
155.52
PECL
155.52
HCSL
155.52
HCSL
155.52
HCSL
155.52
HCSL
10
0x03
PinMode 4-V2
19.44
LVDS
19.44
Crystal
MANU
19.44
3110.4
622.08
PECL
622.08
PECL
622.08
PECL
622.08
PECL
155.52
LVDS
155.52
LVDS
155.52
LVDS
155.52
LVDS
10
0x04
PinMode 5-V2
25
LVDS
25
Crystal
MANU
25
3000
125
PECL
125
PECL
125
PECL
125
PECL
100
HCSL
100
HCSL
100
HCSL
100
HCSL
10
0x05
PinMode 6-V2
25
LVDS
25
Crystal
MANU
25
3000
125
LVDS
125
LVDS
125
LVDS
125
LVDS
100
LVDS
100
LVDS
100
LVDS
100
LVDS
10
0x06
PinMode 7-V2
25
LVDS
25
Crystal
MANU
25
3000
250
LVDS
250
LVDS
250
LVDS
250
LVDS
250
LVDS
250
LVDS
250
LVDS
250
LVDS
10
0x07
PinMode 8-V2
25
LVDS
25
Crystal
MANU
25
3000
200
PECL
200
PECL
200
PECL
200
PECL
200
HCSL
200
HCSL
200
HCSL
200
HCSL
10
0x08
PinMode 9-V2
25
LVDS
25
Crystal
MANU
25
3000
187.5
PECL
187.5
PECL
187.5
PECL
187.5
PECL
187.5
HCSL
187.5
HCSL
187.5
HCSL
187.5
HCSL
10
0x09
PinMode 10-V2
38.4
LVDS
38.4
Crystal
MANU
38.4
3072
153.6
LVDS
153.6
LVDS
122.88
LVDS
122.88
LVDS
122.88
LVDS
122.88
LVDS
153.6
LVDS
153.6
LVDS
10
0x0A
PinMode 11-V2
38.4
LVDS
38.4
Crystal
MANU
9.6
3072
153.6
LVDS
153.6
LVDS
122.88
LVDS
122.88
LVDS
122.88
LVDS
122.88
LVDS
153.6
LVDS
153.6
LVDS
10
0x0B
PinMode 12-V2
25
LVDS
25
Crystal
MANU
25
3000
100
LVDS
x
x
x
x
x
x
100
HCSL
25
CMOS
24
CMOS
27
CMOS
10
0x0C
PinMode 13-V2
122.88
LVDS
122.88
LVDS
MANU
3.072
3072
153.6
LVDS
153.6
LVDS
122.88
LVDS
122.88
LVDS
30.72
LVDS
30.72
LVDS
61.44
LVDS
61.44
LVDS
10
0x0D
PinMode 14-V2
153.6
LVDS
153.6
LVDS
MANU
0.384
3072
153.6
LVDS
153.6
LVDS
122.88
LVDS
122.88
LVDS
30.72
LVDS
30.72
LVDS
61.44
LVDS
61.44
LVDS
10
0x0E
PinMode 15-V2
30.72
LVDS
30.72
Crystal
MANU
30.72
2949.12
491.52
PECL
491.52
PECL
245.76
PECL
245.76
PECL
122.88
LVDS
122.88
LVDS
61.44
LVDS
30.72
LVDS
10
0x0F
PinMode 16-V2
19.44
LVDS
19.44
Crystal
MANU
19.44
3110.4
155.52
LVDS
155.52
LVDS
155.52
LVDS
155.52
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
10
0x10
PinMode 17-V2
30.72
LVDS
30.72
Crystal
MANU
30.72
2949.12
245.76
LVDS
245.76
LVDS
245.76
LVDS
245.76
LVDS
122.88
LVDS
122.88
LVDS
122.88
LVDS
122.88
LVDS
10
0x11
PinMode 18-V2
25
LVDS
25
Crystal
MANU
6.25
3125
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
106.25
LVDS
106.25
LVDS
106.25
LVDS
106.25
LVDS
10
0x12
PinMode 19-V2
25
LVDS
25
Crystal
MANU
25
3000
125
LVDS
125
LVDS
125
LVDS
125
LVDS
106.25
LVDS
106.25
LVDS
106.25
LVDS
106.25
LVDS
10
0x13
PinMode 20-V2
25
LVDS
25
Crystal
MANU
25
3125
156.25
PECL
156.25
PECL
125
PECL
125
PECL
66.67
CMOS
33.33
CMOS
50
CMOS
12.5
CMOS
10
0x14
PinMode 21-V2
25
CMOS
25
Crystal
MANU
25
3125
125
LVDS
125
LVDS
125
LVDS
125
LVDS
66.67
LVDS
156.25
LVDS
125
LVDS
100
LVDS
10
0x15
PinMode 22-V2
25
LVDS
25
Crystal
MANU
1
3072
153.6
LVDS
153.6
LVDS
122.88
LVDS
122.88
LVDS
66.67
LVDS
156.25
LVDS
30.72
LVDS
100
LVDS
10
0x16
PinMode 23-V2
19.2
LVDS
19.2
Crystal
MANU
3.84
2949.12
122.88
LVDS
122.88
PECL
122.88
LVDS
122.88
LVDS
30.72
LVDS
66.67
LVDS
153.6
LVDS
250
LVDS
10
0x17
PinMode 24-V2
30.72
LVDS
30.72
Crystal
MANU
30.72
2949.12
122.88
LVDS
122.88
LVDS
30.72
LVDS
30.72
LVDS
66.67
LVDS
100
LVDS
156.25
LVDS
156.25
LVDS
10
0x18
PinMode 25-V2
25
LVDS
25
Crystal
MANU
25
3000
125
LVDS
125
LVDS
125
LVDS
125
LVDS
68.75
LVDS
68.75
LVDS
68.75
LVDS
68.75
LVDS
10
0x19
PinMode 26-V2
10
LVDS
10
Crystal
MANU
0.08
2949.12
245.76
PECL
245.76
PECL
122.88
PECL
122.88
PECL
125
LVDS
100
LVDS
307.2
LVDS
307.2
LVDS
10
0x1A
PinMode 27-V2
30.72
LVDS
30.72
LVDS
MANU
30.72
2949.12
122.88
LVDS
x
x
30.72
LVDS
30.72
LVDS
156.25
LVDS
156.25
LVDS
100
LVDS
66.67
LVDS
10
0x1B
PinMode 28-V2
10
CMOS
10
LVDS
MANU
0.08
2949.12
245.76
CML
245.76
CML
122.88
CML
122.88
CML
30.72
LVDS
66.67
LVDS
156.25
LVDS
307.2
LVDS


Similar Part No. - CDCM6208V1HRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1FRGZR TI1-CDCM6208V1FRGZR Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1FRGZT TI1-CDCM6208V1FRGZT Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
More results

Similar Description - CDCM6208V1HRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com