Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2560ARVMR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CC2560ARVMR
Description  Dual-Mode Bluetooth Controller
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2560ARVMR Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC2560ARVMR Datasheet HTML 5Page - Texas Instruments CC2560ARVMR Datasheet HTML 6Page - Texas Instruments CC2560ARVMR Datasheet HTML 7Page - Texas Instruments CC2560ARVMR Datasheet HTML 8Page - Texas Instruments CC2560ARVMR Datasheet HTML 9Page - Texas Instruments CC2560ARVMR Datasheet HTML 10Page - Texas Instruments CC2560ARVMR Datasheet HTML 11Page - Texas Instruments CC2560ARVMR Datasheet HTML 12Page - Texas Instruments CC2560ARVMR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
CC2560A NRND; CC2564 NRND
9
CC2560A, CC2560B, CC2564, CC2564B
www.ti.com
SWRS121E – JULY 2012 – REVISED JANUARY 2016
Submit Documentation Feedback
Product Folder Links: CC2560A CC2560B CC2564 CC2564B
Specifications
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(1)
Maximum allowed depends on accumulated time at that voltage: VDD_IN is defined in Section 7.1, Reference Design for Power and
Radio Connections.
(2)
Analog pins: BT_RF, XTALP, and XTALM
(3)
The reference design supports a temperature range of –20°C to 70°C because of the operating conditions of the crystal.
5
Specifications
Unless otherwise indicated, all measurements are taken at the device pins of the TI test evaluation board
(EVB). All specifications are over process, voltage, and temperature, unless otherwise indicated.
5.1
Absolute Maximum Ratings
(1)
Over operating free-air temperature range (unless otherwise indicated). All parameters are measured as follows:
VDD_IN = 3.6 V and VDD_IO = 1.8 V (unless otherwise indicated).
PARAMETERS
MIN
MAX
UNIT
Supply voltage range
VDD_IN
–0.5
4.8
V(1)
VDDIO_1.8V
–0.5
2.145
V
Input voltage to analog pins(2)
–0.5
2.1
V
Input voltage to all other pins
–0.5
VDD_IO
+ 0.5
V
Bluetooth RF inputs
10
dBm
Operating ambient temperature range, TA
(3)
–40
85
°C
Storage temperature range, Tstg
–55
125
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.2
ESD Ratings
VALUE
UNIT
V(ESD) electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±500
V
Charged device model (CDM), per JEDEC specification JESD22- ±YYY V C101(2)
±250
5.3
Power-On Hours
DEVICE
CONDITIONS
POWER-ON HOURS
CC256x
Duty cycle = 25% active and 75% sleep
Tambient = 70ºC
15,400 (7 Years)
(1)
The device can be reliably operated for 7 years at Tambient of 85°C, assuming 25% active mode and 75% sleep mode (15,400
cumulative active power-on hours).
(2)
A crystal-based solution is limited by the temperature range required for the crystal to meet 20 ppm.
5.4
Recommended Operating Conditions
RATING
CONDITION
SYM
MIN
MAX
UNIT
Power supply voltage
VDD_IN
2.2
4.8
V
I/O power supply voltage
VDD_IO
1.62
1.92
V
High-level input voltage
Default
VIH
0.65 x VDD_IO
VDD_IO
V
Low-level input voltage
Default
VIL
0
0.35 x VDD_IO
V
I/O input rise and all times,10% to 90% — asynchronous mode
tr and tf
1
10
ns
I/O input rise and fall times, 10% to 90% — synchronous mode (PCM)
1
2.5
ns
Voltage dips on VDD_IN (VBAT)
duration = 577
μs to 2.31 ms, period = 4.6 ms
400
mV
Maximum ambient operating temperature(1) (2)
–40
85
°C


Similar Part No. - CC2560ARVMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2560ARVMR TI1-CC2560ARVMR Datasheet
567Kb / 47P
[Old version datasheet]   Bluetooth짰 Smart Ready Controller
CC2560ARVMR TI1-CC2560ARVMR Datasheet
1Mb / 51P
[Old version datasheet]   Bluetooth and Dual-Mode Controller
CC2560ARVMR TI1-CC2560ARVMR Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Mode Bluetooth Controller
CC2560ARVMR TI1-CC2560ARVMR Datasheet
1Mb / 52P
[Old version datasheet]   Dual-Mode Bluetooth Controller
More results

Similar Description - CC2560ARVMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2560A TI1-CC2560A Datasheet
1Mb / 52P
[Old version datasheet]   Dual-Mode Bluetooth Controller
CC2560A TI1-CC2560A_16 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Mode Bluetooth Controller
CC256X TI1-CC256X_13 Datasheet
1Mb / 51P
[Old version datasheet]   Bluetooth and Dual-Mode Controller
CC2564C TI1-CC2564C Datasheet
863Kb / 52P
[Old version datasheet]   CC2564C Dual-Mode Bluetooth Controller
logo
Microchip Technology
BM78 MICROCHIP-BM78_V01 Datasheet
3Mb / 60P
   Bluetooth® Dual-Mode Module
2016-2019
logo
List of Unclassifed Man...
IS1002 ETC1-IS1002 Datasheet
84Kb / 13P
   Bluetooth Baseband Controller
logo
Motorola, Inc
MC71000 MOTOROLA-MC71000 Datasheet
556Kb / 32P
   Bluetooth Baseband Controller
logo
NXP Semiconductors
PCF87852 PHILIPS-PCF87852 Datasheet
73Kb / 12P
   Bluetooth baseband controller
Rev. 01-23 April 2004
logo
Panasonic Semiconductor
PAN1026 PANASONIC-PAN1026 Datasheet
388Kb / 2P
   Dual Mode, Place and Play Bluetooth Module
logo
IOGEAR
GBU522 IOGEAR-GBU522 Datasheet
154Kb / 3P
   Mini USB Dual-Mode Bluetooth 4.0 Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com