Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CDCM6208 Datasheet(PDF) 10 Page - Texas Instruments

Part No. CDCM6208
Description  2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDCM6208_18 Datasheet HTML 6Page - Texas Instruments CDCM6208_18 Datasheet HTML 7Page - Texas Instruments CDCM6208_18 Datasheet HTML 8Page - Texas Instruments CDCM6208_18 Datasheet HTML 9Page - Texas Instruments CDCM6208_18 Datasheet HTML 10Page - Texas Instruments CDCM6208_18 Datasheet HTML 11Page - Texas Instruments CDCM6208_18 Datasheet HTML 12Page - Texas Instruments CDCM6208_18 Datasheet HTML 13Page - Texas Instruments CDCM6208_18 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
10
CDCM6208
SCAS931G – MAY 2012 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: CDCM6208
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
6.10
Differential Input Characteristics (PRI_REF, SEC_REF)
VDD_PRI, VDD_SEC = 1.71 V to 1.89 V, 2.375 V to 2.625 V, 3.135 V to 3.465 V, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIN
Reference and bypass input
frequency
0.008
250
MHz
VI
Differential input voltage swing,
peak-to-peak
VDD_PRI/SEC = 2.5/3.3 V
0.2
1.6
VPP
VDD_PRI/SEC = 1.8 V
0.2
1
VPP
VICM
Input common-mode voltage
CML input signaling, R4[7:6] = 00
VDD_PRI/
VDD_SEC
-0.4
VDD_PRI/
VDD_SEC
-0.1
V
VICM
Input common-mode voltage
LVDS, VDD_PRI/SEC
= 1.8/2.5/3.3 V,
R4[7:6] = 01, R4.1 = d.c.,
R4.0 = d.c.
0.8
1.2
1.5
V
VHYST
Input hysteresis
LVDS (Q4[7:6,4:3] = 01)
15
65
mVpp
CML (Q4[7:6,4:3] = 00)
20
85
mVpp
IIH
Input high current
VDD_PRI/SEC = 3.465 V,
VIH = 3.465 V
30
µA
IIL
Input low current
VDD_PRI/SEC = 3.465V, VIL = 0 V
–30
µA
ΔV/ΔT
Reference input edge rate
20% – 80%
0.75
V/ns
IDCDIFF
Reference input duty cycle
30%
70%
CIN
Input capacitance
2.7
pF
(1)
Verified with crystals specified for a load capacitance of CL = 8 pF, the PCB related capacitive load was estimated to be 2.3 pF, and
completed with a load capacitors of 4 pF on each crystal pin connected to GND. XTALs tested: NX3225GA 10MHz EXS00A-CG02813
CRG, NX3225GA 19.44MHz EXS00A-CG02810 CRG, NX3225GA 25MHz EXS00A-CG02811 CRG, and NX3225GA 30.72MHz
EXS00A-CG02812 CRG.
(2)
For 30.73 MHz to 50 MHz, TI recommends to verify sufficient negative resistance and initial frequency accuracy with the crystal vendor.
The 50-MHz use case was verified with a NX3225GA 50MHz EXS00A-CG02814 CRG. To meet a minimum frequency error, the best
choice of the XTAL was one with CL = 7 pF instead of CL = 8 pF.
(3)
With NX3225GA_10M the measured remaining negative resistance on the EVM is 6430 Ω (43 x margin)
(4)
With NX3225GA_25M the measured remaining negative resistance on the EVM is 1740 Ω (25 x margin)
(5)
With NX3225GA_50M the measured remaining negative resistance on the EVM is 350 Ω (11 x margin)
(6)
Maximum drive level measured was 145 µW; XTAL should at least tolerate 200 µW
6.11
Crystal Input Characteristics (SEC_REF)
VDD_SEC = 1.71 to 1.89 V, 2.375 V to 2.625 V, 3.135 V to 3.465 V, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Mode of oscillation
Fundamental
Frequency
See note (1)
10
30.72
MHz
See note (2)
30.73
50
MHz
Equivalent Series Resistance (ESR)
10 MHz
150(3)
Ω
25 MHz
70(4)
50 MHz
30(5)
On-chip load capacitance
1.8-V / 3.3-V SEC_REFP
3.5
4.5
5.5
pF
1.8-V SEC_REFN
5.5
7.25
8.5
3.3-V SEC_REFN
6.5
7.34
8.5
Drive level
See note (6)
200
µW


Similar Part No. - CDCM6208_18

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1FRGZR TI1-CDCM6208V1FRGZR Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1FRGZT TI1-CDCM6208V1FRGZT Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
More results

Similar Description - CDCM6208_18

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Analog Devices
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
Texas Instruments
Texas Instruments
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz