Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CDCM6208 Datasheet(PDF) 9 Page - Texas Instruments

Part No. CDCM6208
Description  2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCM6208_18 Datasheet HTML 5Page - Texas Instruments CDCM6208_18 Datasheet HTML 6Page - Texas Instruments CDCM6208_18 Datasheet HTML 7Page - Texas Instruments CDCM6208_18 Datasheet HTML 8Page - Texas Instruments CDCM6208_18 Datasheet HTML 9Page - Texas Instruments CDCM6208_18 Datasheet HTML 10Page - Texas Instruments CDCM6208_18 Datasheet HTML 11Page - Texas Instruments CDCM6208_18 Datasheet HTML 12Page - Texas Instruments CDCM6208_18 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
9
CDCM6208
www.ti.com
SCAS931G – MAY 2012 – REVISED JANUARY 2018
Product Folder Links: CDCM6208
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
6.8
Single-Ended Input Characteristics (SI_MODE[1:0], SDI/SDA/PIN1, SCL/PIN4,
SDO/ADD0/PIN2, SCS/ADD1/PIN3, STATUS1/PIN0, RESETN/PWR, PDN, SYNCN, REF_SEL)
DVDD = 1.71 V to 1.89 V, 2.375 V to 2.625 V, 3.135 V to 3.465 V, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Input high voltage
0.8 ×
DVDD
V
VIL
Input low voltage
0.2 ×
DVDD
V
IIH
Input high current
DVDD = 3.465V, VIH = 3.465 V
(pullup resistor excluded)
30
µA
IIL
Input low current
DVDD = 3.465V, VIL= 0 V
–30
µA
ΔV/ΔT
PDN, RESETN, SYNCN, REF_SEL
input edge rate
20% – 80%
0.75
V/ns
minPulse
PDN, RESETN, SYNCN low pulse
to trigger proper device reset
10
ns
C IN
Input capacitance
2.25
pF
RESETN, PWR, SYNCN, PDN, REF_SEL, SI_MODE[1:0]
R
Input pullup and pulldown resistor
35
50
65
SDA and SCL in I 2 C Mode (SI_MODE[1:0]=01)
VHYS_I2C
Input hysteresis
DVDD = 1.8 V
0.1 VDVDD
V
DVDD = 2.5/3.3 V
0.05
VDVDD
V
IH
High-level input current
VI = DVDD
–5
5
µA
VOL
Output low voltage
IOL= 3 mA
0.2 ×
DVDD
V
CIN
Input capacitance pin
5
pF
6.9
Single-Ended Input Characteristics (PRI_REF, SEC_REF)
VDD_PRI, VDD_SEC = 1.71 V to 1.89 V, 2.375 V to 2.625 V, 3.135 V to 3.465 V, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIN
Reference and bypass input
frequency
VDD_PRI/SEC = 1.8 V
0.008
200
MHz
VDD_PRI/SEC = 3.3 V
0.008
250
MHz
VIH
Input high voltage
0.8 ×
VDD_PRI/
VDD_SEC
V
VIL
Input low voltage
0.2 ×
VDD_PRI/
VDD_SEC
V
VHYST
Input hysteresis
20
65
150
mV
IIH
Input high current
VDD_PRI/VDD_SEC = 3.465 V, VIH
= 3.465 V
30
µA
IIL
Input low current
VDD_PRI/VDD_SEC = 3.465 V, VIL
= 0 V
–30
µA
ΔV/ΔT
Reference input edge rate
20% – 80%
0.75
V/ns
IDC SE
Reference input duty cycle
f PRI ≤ 200 MHz
40%
60%
200
≤ fPRI ≤ 250 MHz
43%
60%
C IN
Input capacitance
2.25
pF


Similar Part No. - CDCM6208_18

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1FRGZR TI1-CDCM6208V1FRGZR Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1FRGZT TI1-CDCM6208V1FRGZT Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
More results

Similar Description - CDCM6208_18

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Analog Devices
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
Texas Instruments
Texas Instruments
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz