Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208 Datasheet(PDF) 78 Page - Texas Instruments

Part # CDCM6208
Description  2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208 Datasheet(HTML) 78 Page - Texas Instruments

Back Button CDCM6208_18 Datasheet HTML 74Page - Texas Instruments CDCM6208_18 Datasheet HTML 75Page - Texas Instruments CDCM6208_18 Datasheet HTML 76Page - Texas Instruments CDCM6208_18 Datasheet HTML 77Page - Texas Instruments CDCM6208_18 Datasheet HTML 78Page - Texas Instruments CDCM6208_18 Datasheet HTML 79Page - Texas Instruments CDCM6208_18 Datasheet HTML 80Page - Texas Instruments CDCM6208_18 Datasheet HTML 81Page - Texas Instruments CDCM6208_18 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
Frequency (Hz)
2.9 ps
-50
10M
10K
100
1000
100k
1M
9.2 ps
0.92 ps
-60
0.29 ps
-70
-100
-80
-90
0.092 ps
-65
-55
-75
-85
-95
78
CDCM6208
SCAS931G – MAY 2012 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: CDCM6208
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
10.3 Power Down
When the PDN pin = 0, the device enters a complete power down mode with a current consumption of no more
than 1 mA from the entire device. Exiting power down resets the entire device and defaults all registers. It is
recommended to connect a capacitor between the PDN pin and GND to implement a RC time delay and ensure
the digital and PLL related power supplies are stable before the device calibration sequences is initiated. Refer to
Power Rail Sequencing, Power Supply Ramp Rate, and Mixing Supply Domains for more details.
10.4 Power Supply Ripple Rejection (PSRR) versus Ripple Frequency
Many system designs become increasingly more sensitive to power supply noise rejection. To simplify design
and cost, the CDCM6208 has built-in internal voltage regulation, which improves the power supply noise
rejection over designs with no regulators. As a result, the following output rejection is achieved:
Figure 63. PSRR (in dBc and DJ [ps]) Over Frequency [Hz] and Output Signal Format
fOUT = 122.88 MHz
VDD Supply Noise = 100 mVpp
The DJ due to PSRR can be estimated using Equation 4:
(4)
Example: Therefore, if 100 mV noise with a frequency of 10 kHz were observed at the output supply, the
according output jitter for a 122.88-MHz output signal with LVDS signaling could be estimated with DJ = 0.7 ps.


Similar Part No. - CDCM6208_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1FRGZR TI1-CDCM6208V1FRGZR Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1FRGZT TI1-CDCM6208V1FRGZT Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
More results

Similar Description - CDCM6208_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com