Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CDCM6208 Datasheet(PDF) 5 Page - Texas Instruments

Part No. CDCM6208
Description  2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208 Datasheet(HTML) 5 Page - Texas Instruments

  CDCM6208_18 Datasheet HTML 1Page - Texas Instruments CDCM6208_18 Datasheet HTML 2Page - Texas Instruments CDCM6208_18 Datasheet HTML 3Page - Texas Instruments CDCM6208_18 Datasheet HTML 4Page - Texas Instruments CDCM6208_18 Datasheet HTML 5Page - Texas Instruments CDCM6208_18 Datasheet HTML 6Page - Texas Instruments CDCM6208_18 Datasheet HTML 7Page - Texas Instruments CDCM6208_18 Datasheet HTML 8Page - Texas Instruments CDCM6208_18 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
5
CDCM6208
www.ti.com
SCAS931G – MAY 2012 – REVISED JANUARY 2018
Product Folder Links: CDCM6208
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
TYPE
DESCRIPTION
NAME
NO.
VDD_Y0_Y1
(2 pins)
13, 18
PWR
Analog
Supply pin for outputs 0, 1 to set between 1.8 V, 2.5 V, or 3.3 V
Y2_P
20
Output
Universal
Output 2 Positive Pin
Y2_N
21
Output
Universal
Output 2 Negative Pin
Y3_P
23
Output
Universal
Output 3 Positive Pin
Y3_N
22
Output
Universal
Output 3 Negative Pin
VDD_Y2_Y3
(2 pins)
19, 24
PWR
Analog
Supply pin for outputs 2, 3 to set between 1.8 V, 2.5 V, or 3.3 V
Y4_P
26
Output
Universal
Output 4 Positive Pin
Y4_N
25
Output
Universal
Output 4 Negative Pin
VDD_Y4
27
PWR
Analog
Supply pin for output 4 to set between 1.8 V, 2.5 V, or 3.3 V
Y5_P
29
Output
Universal
Output 5 Positive Pin
Y5_N
28
Output
Universal
Output 5 Negative Pin
VDD_Y5
30
PWR
Analog
Supply pin for output 5 to set between 1.8 V, 2.5 V, or 3.3 V
Y6_P
32
Output
Universal
Output 6 Positive Pin
Y6_N
33
Output
Universal
Output 6 Negative Pin
VDD_Y6
31
PWR
Analog
Supply pin for output 6 to set between 1.8 V, 2.5 V, or 3.3 V
Y7_P
35
Output
Universal
Output 7 Positive Pin
Y7_N
36
Output
Universal
Output 7 Negative Pin
VDD_Y7
34
PWR
Analog
Supply pin for output 7 to set between 1.8 V, 2.5 V, or 3.3 V
VDD_VCO
39
PWR
Analog
Analog power supply for PLL/VCO; This pin is sensitive to power
supply noise; The supply of this pin and the VDD_PLL2 supply pin
can be combined as they are both analog and sensitive supplies;
VDD_PLL1
37
PWR
Analog
Analog Power Supply Connections
VDD_PLL2
38
PWR
Analog
Analog Power Supply Connections; This pin is sensitive to power
supply noise; The supply of VDD_PLL2 and VDD_VCO can be
combined as these pins are both power-sensitive, analog supply pins
DVDD
48
PWR
Analog
Digital Power Supply Connections; This is also the reference supply
voltage for all control inputs and must match the expected input
signal swing of control inputs.
GND
PAD
PWR
Analog
Power Supply Ground and Thermal Pad
STATUS0
46
Output
LVCMOS
Status pin 0 (see Table 12 for details)
STATUS1/PIN0
45
Output and
Input
LVCMOS
no pull resistor
STATUS1: Status pin in SPI/I2C modes. For details, see Table 10 for
pin modes and Table 12 for status mode. PIN0: Control pin 0 in pin
mode.
SI_MODE1
47
Input
LVCMOS
with 50-kΩ pullup
Serial Interface Mode or Pin mode selection. SI_MODE[1:0]=00: SPI
mode; SI_MODE[1:0]=01: I2C mode; SI_MODE[1:0]=10: Pin Mode
(No serial programming); SI_MODE[1:0]=11: RESERVED
SI_MODE0
1
LVCMOS
with 50-kΩ
pulldown
SDI/SDA/PIN1
2
I/O
LVCMOS in
Open drain out
LVCMOS in
no pull resistor
SDI: SPI Serial Data Input SDA: I2C Serial Data (Read/Write
bidirectional), open-drain output; requires a pullup resistor in I2C
mode; PIN1: Control pin 1 in pin mode
SDO/AD0/PIN2
3
Output/Input
LVCMOS out
LVCMOS in
LVCMOS in
no pull resistor
SDO: SPI Serial Data AD0: I2C Address Offset Bit 0 input; PIN2:
Control pin 2 in pin mode
SCS/AD1/PIN 3
4
Input
LVCMOS no pull
resistor
SCS: SPI Latch EnableAD1: I2C Address Offset Bit 1 input; PIN3:
Control pin 3 in pin mode
SCL/PIN4
5
Input
LVCMOS no pull
resistor
SCL: SPI/I2C ClockPIN4: Control pin 4 in pin mode


Similar Part No. - CDCM6208_18

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1FRGZR TI1-CDCM6208V1FRGZR Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1FRGZT TI1-CDCM6208V1FRGZT Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
More results

Similar Description - CDCM6208_18

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Analog Devices
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
Texas Instruments
Texas Instruments
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz