Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2652R1FRGZ Datasheet(PDF) 8 Page - Texas Instruments

Part # CC2652R1FRGZ
Description  SimpleLink Multiprotocol 2.4-GHz Wireless MCU
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2652R1FRGZ Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC2652R1FRGZ Datasheet HTML 4Page - Texas Instruments CC2652R1FRGZ Datasheet HTML 5Page - Texas Instruments CC2652R1FRGZ Datasheet HTML 6Page - Texas Instruments CC2652R1FRGZ Datasheet HTML 7Page - Texas Instruments CC2652R1FRGZ Datasheet HTML 8Page - Texas Instruments CC2652R1FRGZ Datasheet HTML 9Page - Texas Instruments CC2652R1FRGZ Datasheet HTML 10Page - Texas Instruments CC2652R1FRGZ Datasheet HTML 11Page - Texas Instruments CC2652R1FRGZ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
8
CC2652R
SWRS207 – JANUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2652R
Terminal Configuration and Functions
Copyright © 2018, Texas Instruments Incorporated
Table 4-1. Signal Descriptions – RGZ Package (continued)
PIN
TYPE
DESCRIPTION
NAME
NO.
(4)
If internal DC/DC converter is not used, this pin must be connected to VDDR for supply from the main LDO.
VDDR_RF
48
Power
1.7-V to 1.95-V supply, typically connect to output of internal DC/DC
converter(4)(2)
VDDS
44
Power
1.8-V to 3.8-V main chip supply(1)
VDDS2
13
Power
1.8-V to 3.8-V DIO supply(1)
VDDS3
22
Power
1.8-V to 3.8-V DIO supply(1)
VDDS_DCDC
34
Power
1.8-V to 3.8-V DC/DC converter supply
X48M_N
46
Analog I/O
48-MHz crystal oscillator pin 1
X48M_P
47
Analog I/O
48-MHz crystal oscillator pin 2
X32K_Q1
3
Analog I/O
32-kHz crystal oscillator pin 1
X32K_Q2
4
Analog I/O
32-kHz crystal oscillator pin 2
(1)
NC = No connect
(2)
When the DC/DC converter is not used, the inductor between DCDC_SW and VDDR can be removed. However, the VDDR decoupling
capacitor must still be connected as shown in reference designs.
4.3
Connections for Unused Pins
Table 4-2. Connections for Unused Pins(1)
FUNCTION
SIGNAL NAME
PIN NUMBER
ACCEPTABLE
PRACTICE
PREFERRED PRACTICE
GPIO
DIO_n
5–12
14–21
26–32
36–43
NC
GND
32.768-kHz crystal
X32K_Q1
X32K_Q2
3–4
NC
NC
DC/DC converter(2)
DCDC_SW
33
NC
NC
VDDR
45
Connect to VDDR_RF
Connect to VDDR_RF
VDDR_RF
48
Connect to VDDR
Connect to VDDR
VDDS_DCDC
34
Connect to VDDS
Connect to VDDS


Similar Part No. - CC2652R1FRGZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2652R TI-CC2652R Datasheet
2Mb / 58P
[Old version datasheet]   CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
CC2652R TI-CC2652R Datasheet
3Mb / 63P
[Old version datasheet]   CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2652R TI-CC2652R Datasheet
2Mb / 72P
[Old version datasheet]   CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
JUNE 2022
CC2652R TI-CC2652R Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
CC2652R TI-CC2652R Datasheet
3Mb / 72P
[Old version datasheet]   CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
REVISED JUNE 2023
More results

Similar Description - CC2652R1FRGZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2651R3 TI-CC2651R3 Datasheet
2Mb / 60P
[Old version datasheet]   CC2651R3 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
SWRS258 ??SEPTEMBER 2021
CC2652R7 TI-CC2652R7 Datasheet
2Mb / 58P
[Old version datasheet]   CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
CC2652RB TI1-CC2652RB Datasheet
2Mb / 54P
[Old version datasheet]   SimpleLink crystal-less BAW multiprotocol 2.4-GHz wireless MCU
CC2652RB TI1-CC2652RB_19 Datasheet
1Mb / 47P
[Old version datasheet]   SimpleLink crystal-less BAW multiprotocol 2.4-GHz wireless MCU
CC2674R10 TI1-CC2674R10 Datasheet
3Mb / 69P
[Old version datasheet]   CC2674R10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU
REVISED JUNE 2023
CC2652P7 TI-CC2652P7 Datasheet
1Mb / 53P
[Old version datasheet]   CC2652P7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
NOVEMBER 2021
CC2652P TI1-CC2652P Datasheet
2Mb / 74P
[Old version datasheet]   CC2652P SimpleLink??Multiprotocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
CC2652RSIP TI-CC2652RSIP_V01 Datasheet
2Mb / 67P
[Old version datasheet]   CC2652RSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package
FEBRUARY 2022
CC2652RSIP TI-CC2652RSIP Datasheet
1Mb / 60P
[Old version datasheet]   CC2652RSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package
CC2674P10 TI-CC2674P10 Datasheet
3Mb / 72P
[Old version datasheet]   CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
REVISED JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com