Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORNTA4991FUF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ORNTA4991FUF
Description  Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ORNTA4991FUF Datasheet(HTML) 2 Page - Vishay Siliconix

  ORNTA4991FUF Datasheet HTML 1Page - Vishay Siliconix ORNTA4991FUF Datasheet HTML 2Page - Vishay Siliconix ORNTA4991FUF Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ORN
www.vishay.com
Vishay Dale Thin Film
Revision: 02-Sep-11
2
Document Number: 60005
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Marking - Vishay symbol, part number from ordering information
Notes
(1) Tol. available 1K and up
(2) Preferred packaging code
(3) Ratio tolerance available 250
 and up
DIMENSIONS AND IMPRINTING in inches and millimeters
DIMENSION
INCHES
MILLIMETERS
A
0.157
3.99
B
0.0165 ± 0.0025
0.4 ± 0.06
C
0.050
1.27
D
0.195 max.
4.93
E
0.008 ± 0.001
0.20 ± 0.03
F
0.028 ± 0.001
0.71 ± 0.02
G
0.239 ± 0.005
6.07 ± 0.13
H
0.068 max.
1.73
I
0.008 ± 0.002
0.22 ± 0.06
Ø
2° to 6°
2° to 6°
I
Resistance
Value Code
Seating
Plane
A
B
C
E
H
G
F
ø
D
ORNA
x x x x
Date
Code
MECHANICAL SPECIFICATIONS
Resistive Element
Passivated nichrome
Substrate Material
Silicon
Body
Molded epoxy
Terminals
Copper alloy
Lead (Pb)-free Option
100 % matte tin
Tin Lead Option
Sn90
Tin Lead and Lead (Pb)-free Finish
Plated
DERATING CURVE
Ambient Temperature °C
0
70
125
150
0
20
40
60
80
100
100 % = 0.40 W
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: ORNA1002AUF
GLOBAL MODEL
(3 or 4 digits)
SCHEMATIC
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
PACKAGING
ORN
(Tin lead)
ORNT
(Lead (Pb)-free)
(e3)
A = 4 isolated
equal resistors
The first 3 digits are significant
figures and the last digit
specifies the number of zeros
to follow. R designates the
decimal point.
Example:
1002 = 10 k
1003 = 100 k
4991 = 4.99 k
50R0 = 50
Abs. Tol.
A = ± 0.1 % (3)
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1 %
Q = ± 0.05 % (1)
Z = ± 0.1 % (1)
Ratio
± 0.05 %
± 0.1 %
± 0.1 %
± 0.1 %
± 0.5 %
± 0.01 %
± 0.025 %
TAPE AND REEL
T0 = 100 min., 100 mult
T1 = 1000 min., 1000 mult (2)
T3 = 300 min., 300 mult
T5 = 500 min., 500 mult
TF = Full reel 3000
TS = 100 min., 1 mult
UF = TUBED
Historical Part Number example: ORNA1001F (for reference purposes only)
ORN
A
1001
F
SERIES
SCHEMATIC
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
NTA
1
0
0
3
Z
T
S
R
O
N
A
10
02
A
U
F
R
O


Similar Part No. - ORNTA4991FUF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ORNTA4991FT0 VISHAY-ORNTA4991FT0 Datasheet
375Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 10-Aug-07
ORNTA4991FT1 VISHAY-ORNTA4991FT1 Datasheet
375Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 10-Aug-07
ORNTA4991FT3 VISHAY-ORNTA4991FT3 Datasheet
375Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 10-Aug-07
ORNTA4991FT5 VISHAY-ORNTA4991FT5 Datasheet
375Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 10-Aug-07
ORNTA4991FTF VISHAY-ORNTA4991FTF Datasheet
375Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 10-Aug-07
More results

Similar Description - ORNTA4991FUF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NOMC VISHAY-NOMC_17 Datasheet
128Kb / 4P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
Revision: 25-Apr-17
OSOP VISHAY-OSOP_17 Datasheet
127Kb / 3P
   Molded, 25 mil Pitch, Dual-In-Line Thin Film Resistor
Revision: 03-Mar-17
ORNA2001AUF VISHAY-ORNA2001AUF Datasheet
96Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
Revision: 02-Sep-11
VSOR1603-103JT VISHAY-VSOR1603-103JT Datasheet
113Kb / 4P
   Molded, 25 mil or 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
Revision: 08-Jan-12
HTRN4-1T5 VISHAY-HTRN4-1T5 Datasheet
90Kb / 3P
   Molded, 50 mil Pitch, High Temperature Thin Film Surface Mount, Dual-In-Line Resistor Network
Revision: 12-Dec-11
NOMCA VISHAY-NOMCA Datasheet
107Kb / 5P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Precision Automotive, AEC-Q200 Qualified, Networks
Revision: 24-Feb-12
ORN VISHAY-ORN Datasheet
375Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 10-Aug-07
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
NOMC VISHAY-NOMC_08 Datasheet
157Kb / 4P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 02-Oct-08
AORN VISHAY-AORN Datasheet
101Kb / 4P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Precision Automotive, AEC-Q200 Qualified, Networks
Revision: 24-Feb-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com