Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0982681002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0982681002
Description  1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 29 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0982681002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0982681002 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 01/22/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0982681002
Status:
Active
Overview:
Premo-Flex Cable Jumpers
Description:
1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 29 Circuits,
0.229m Cable Length, Tin(Sn) Plating
Replacement Part
Number:
http://www.molex.com/molex/products/listview.jsp?
channel=Products&sType=p&query=008226582082-26-5820
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-98268-001-001 (PDF)
Product Literature (PDF)
Packaging Specification PK-98268-001-001 (PDF)
General
Product Family
Cable
Series
98268
Comments
Contacts on opposite sides, Type D
Crimp Quality Equipment
Yes
Overview
Premo-Flex Cable Jumpers
Product Literature Order No
987650-6631
Product Name
Premo-Flex FFC Jumper
Replacement Part Number
82-26-5820
UPC
800756950723
Physical
Cable Length
0.229m
Circuits (Loaded)
29
Circuits (maximum)
29
Packaging Type
Bag
Pitch - Termination Interface
1.25mm
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
N/A
Wire/Cable Type
Flat Flex Cable
Electrical
Current - Maximum per Contact
1.4A
Voltage - Maximum
60V AC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-98268-001-001
Product Specification
PS-98268-001-001
Sales Drawing
SD-98268-001
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
98268 Series
Use With
<a href="http://www.molex.com/product/ffc">
Molex FFC – FPC connector</a>. Be sure to
match like plating.
This document was generated on 01/22/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0982681002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0982681004 MOLEX1-0982681004 Datasheet
34Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 29 Circuits
0982681005 MOLEX1-0982681005 Datasheet
34Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 29 Circuits
0982681007 MOLEX1-0982681007 Datasheet
34Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 29 Circuits
More results

Similar Description - 0982681002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0152680996 MOLEX1-0152680996 Datasheet
34Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 29 Circuits
0982680994 MOLEX1-0982680994 Datasheet
34Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 29 Circuits
0152680990 MOLEX1-0152680990 Datasheet
34Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 29 Circuits
0152680992 MOLEX1-0152680992 Datasheet
34Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 29 Circuits
0982680996 MOLEX1-0982680996 Datasheet
34Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 29 Circuits
0152680986 MOLEX1-0152680986 Datasheet
34Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 29 Circuits
0982681004 MOLEX1-0982681004 Datasheet
34Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 29 Circuits
0982680992 MOLEX1-0982680992 Datasheet
34Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 29 Circuits
0152680994 MOLEX1-0152680994 Datasheet
34Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 29 Circuits
15168-0362 MOLEX11-15168-0362 Datasheet
44Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 28 1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 28
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com