Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORNTA1003DTF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ORNTA1003DTF
Description  Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ORNTA1003DTF Datasheet(HTML) 1 Page - Vishay Siliconix

  ORNTA1003DTF Datasheet HTML 1Page - Vishay Siliconix ORNTA1003DTF Datasheet HTML 2Page - Vishay Siliconix ORNTA1003DTF Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ORN
www.vishay.com
Vishay Dale Thin Film
Revision: 02-Sep-11
1
Document Number: 60005
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor,
Surface Mount Network
ORN series resistor networks feature four isolated resistors
with standard 50 mil pitch lead spacing. The networks
feature close TCR tracking and tight ratio tolerance and are
ideally suited for unity gain operational amplifier circuitry.
The standard resistance offering listed are available for
immediate delivery.
SCHEMATIC
FEATURES
• 0.068" (1.73 mm) maximum seated height
• Rugged molded case construction with no
internal solder
• Low temperature coefficient (± 25 ppm/°C)
• JEDEC MS-012 STD variation AA package
• Compliant to RoHS Directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21 definition
Note
* Pb containing terminations are not RoHS compliant, exemptions
may apply
TYPICAL PERFORMANCE
Note
• Consult factory for additional values and schematics
Actual Size
8
R
1
1
7
R
1
2
6
R
1
3
5
R
1
4
ABSOLUTE
TRACKING
TCR
25
5
ABSOLUTE
RATIO
TOL.
0.1
0.05
STANDARD RESISTANCE OFFERING (R1 =)
49.9
10 k
100
20 k
500
50 k
1 k
100 k
2 k
200 k
4.99 k
500 k
5 k
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated nichrome
-
Pin/Lead Number
8-
Resistance Range
33
 to 500 k per resistor
-
TCR: Absolute
± 25 ppm/°C
- 55 °C to + 125 °C
TCR: Tracking
± 5 ppm/°C
- 55 °C to + 125 °C
Tolerance: Absolute
± 0.05 % to ± 1.0 %
+ 25 °C
Tolerance: Ratio
± 0.01 % to ± 0.5 %
+ 25 °C
Power Rating: Resistor
100 mW
Maximum at + 70 °C
Power Rating: Package
400 mW
Maximum at + 70 °C
Stability: Absolute
R ± 0.05 %
2000 h at + 70 °C
Stability: Ratio
R ± 0.015 %
2000 h at + 70 °C
Voltage Coefficient
0.1 ppm/V (typical)
-
Working Voltage
100 V max. not to exceed
-
Operating Temperature Range
- 55 °C to + 125 °C
-
Storage Temperature Range
- 55 °C to + 150 °C
-
Noise
< - 30 dB
-
Thermal EMF
0.08 μV/°C
-
Shelf Life Stability: Absolute
R ± 0.01 %
1 year at + 25 °C
Shelf Life Stability: Ratio
R ± 0.002 %
1 year at + 25 °C
P
x R


Similar Part No. - ORNTA1003DTF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ORNTA1003DTF VISHAY-ORNTA1003DTF Datasheet
375Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 10-Aug-07
More results

Similar Description - ORNTA1003DTF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NOMC VISHAY-NOMC_17 Datasheet
128Kb / 4P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
Revision: 25-Apr-17
OSOP VISHAY-OSOP_17 Datasheet
127Kb / 3P
   Molded, 25 mil Pitch, Dual-In-Line Thin Film Resistor
Revision: 03-Mar-17
ORNA2001AUF VISHAY-ORNA2001AUF Datasheet
96Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
Revision: 02-Sep-11
VSOR1603-103JT VISHAY-VSOR1603-103JT Datasheet
113Kb / 4P
   Molded, 25 mil or 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
Revision: 08-Jan-12
HTRN4-1T5 VISHAY-HTRN4-1T5 Datasheet
90Kb / 3P
   Molded, 50 mil Pitch, High Temperature Thin Film Surface Mount, Dual-In-Line Resistor Network
Revision: 12-Dec-11
NOMCA VISHAY-NOMCA Datasheet
107Kb / 5P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Precision Automotive, AEC-Q200 Qualified, Networks
Revision: 24-Feb-12
ORN VISHAY-ORN Datasheet
375Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 10-Aug-07
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
NOMC VISHAY-NOMC_08 Datasheet
157Kb / 4P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 02-Oct-08
AORN VISHAY-AORN Datasheet
101Kb / 4P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Precision Automotive, AEC-Q200 Qualified, Networks
Revision: 24-Feb-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com