Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTR-C23PB-TMS-129 Datasheet(PDF) 2 Page - Contrinex AG Industrial Electronics

Part # DTR-C23PB-TMS-129
Description  PHOTOELECTRIC SENSOR DISTANCE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTRINEX [Contrinex AG Industrial Electronics]
Direct Link  https://www.contrinex.com/
Logo CONTRINEX - Contrinex AG Industrial Electronics

DTR-C23PB-TMS-129 Datasheet(HTML) 2 Page - Contrinex AG Industrial Electronics

  DTR-C23PB-TMS-129 Datasheet HTML 1Page - Contrinex AG Industrial Electronics DTR-C23PB-TMS-129 Datasheet HTML 2Page - Contrinex AG Industrial Electronics DTR-C23PB-TMS-129 Datasheet HTML 3Page - Contrinex AG Industrial Electronics DTR-C23PB-TMS-129 Datasheet HTML 4Page - Contrinex AG Industrial Electronics DTR-C23PB-TMS-129 Datasheet HTML 5Page - Contrinex AG Industrial Electronics DTR-C23PB-TMS-129 Datasheet HTML 6Page - Contrinex AG Industrial Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DTR-C23PB-TM_Rev 1_22.02.17_PYD
Operators of the products we supply are responsible for compliance with measures for the protection of persons. The use of our equipment in applica-
tions where the safety of persons might be at risk is only authorized if the operator observes and implements separate, appropriate and necessary
measures for the protection of persons and machines. Terms of delivery and rights to change design reserved.
CONTRINEX AG Industrial Electronics
route du Pâqui 5 - P.O. Box - CH 1720 Corminboeuf - Switzerland - Tel: +41 26 460 46 46 -
Fax: +41 26 460 46 40 - Internet: www.contrinex.com - E-mail: info@contrinex.com
WIRING DIAGRAM
PIN ASSIGNMENT
AVAILABLE TYPES
Part number
Part reference
Polarity
Connection
Output (A1)
Output (A2)
628 000 693
DTR-C23PB-TMS-139
PNP
Connector M8 4-pin
Light/Dark-on
1...10 V
628 000 694
DTR-C23PB-TMS-129
NPN
Connector M8 4-pin
Light/Dark-on
1...10 V
MEASUREMENT RANGE
CHARACTERISTIC CURVE (INVERTIBLE & ADJUSTABLE)
bk
4
A1
bu
3
0V
bn
1
+Ub
wh
2
A2
4
13
2
M8
Note: additional suffix can appear to indicate a revision version or a special version.
Target Measurement range
90% 20...80 mm
18% 20...80 mm
6% 20...80 mm


Similar Part No. - DTR-C23PB-TMS-129

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
DTR-C23PB-TMS-139 CONTRINEX-DTR-C23PB-TMS-139 Datasheet
196Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
More results

Similar Description - DTR-C23PB-TMS-129

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
DTL-C23PB-TMS-139-501 CONTRINEX-DTL-C23PB-TMS-139-501 Datasheet
259Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TMS-139 CONTRINEX-DTR-C23PB-TMS-139 Datasheet
196Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TLS-139 CONTRINEX-DTR-C23PB-TLS-139 Datasheet
187Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTL-C55PA-TMS-119-502 CONTRINEX-DTL-C55PA-TMS-119-502 Datasheet
355Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTL-C55PA-TMS-407-505 CONTRINEX-DTL-C55PA-TMS-407-505 Datasheet
375Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TLS-129 CONTRINEX-DTR-C23PB-TLS-129 Datasheet
187Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTL-C55PA-TMS-119-503 CONTRINEX-DTL-C55PA-TMS-119-503 Datasheet
355Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
logo
Omron Electronics LLC
E3G-L12 OMRON-E3G-L12 Datasheet
858Kb / 17P
   Distance-setting Photoelectric Sensor
E3S-CL OMRON-E3S-CL Datasheet
677Kb / 10P
   Distance-settable Photoelectric Sensor with Metal Case
08/12
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com