Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCC100E4332JB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NTCC100E4332JB
Description  Leadless NTC Thermistor Dies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCC100E4332JB Datasheet(HTML) 1 Page - Vishay Siliconix

  NTCC100E4332JB Datasheet HTML 1Page - Vishay Siliconix NTCC100E4332JB Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTCC100E4
www.vishay.com
Vishay BCcomponents
Revision: 24-Mar-17
1
Document Number: 29058
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Leadless NTC Thermistor Dies
DIMENSIONS in millimeters
Component outline
FEATURES
• High stability (tolerance on B-value between
± 2.5 % and ± 0.75 %) over a long life
• Excellent price/performance ratio
• For mechanical fixing in a housing or soldering
directly to ‘non-standard’ leads
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
• Temperature measurement, sensing, and control
DESCRIPTION
These thermistors have a negative temperature coefficient.
The device consists of a silver metalized square chip.
DESIGN-IN SUPPORT
For complete curve computation, visit:
www.vishay.com/thermistors/curve-computation-list/
PACKAGING
The leadless dies are placed in sealed polythene bags and
packed in cardboard boxes. The smallest packaging
quantity is 5000 units.
MOUNTING
By reflow or wave soldering in any position or mechanical
fixing in a housing. Soldering directly to “non-standard”
leads. Not suitable for ultrasonic soldering or wire bonding.
Note
(1) Replace * in SAP part no by J for 5 %, H for 3 %, G for 2 %, and F for 1 % tolerance on R25
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C (R25)
2.2K to 470K
Tolerance on R25-value
± 1; ± 2; ± 3; ± 5
%
B25/85-value
3740 to 4570
K
Tolerance on B25/85-value
± 0.75 to ± 2.5
%
Operating temperature range:
°C
at zero dissipation (continuously)
-40 to +125
for short periods
 150
Climatic category
(LCT / UCT / days)
40 / 125 / 56
D
D
T
max.
Solderable surface
ELECTRICAL DATA AND ORDERING INFORMATION
R25
(
)
R25-TOL.
(± %)
TCR
(-%/K)
B25/85
(K)
B25/85-TOL.
(± %)
D
(mm)
Tmax.
(mm)
SAP MATERIAL AND
ORDERING NUMBER (1)
2200
1, 2, 3, 5
4.37
3977
0.75
2.3 ± 0.4
1.3
NTCC100E4222*B
2700
1, 2, 3, 5
4.37
3977
0.75
2.3 ± 0.4
NTCC100E4272*B
3300
1, 2, 3, 5
4.37
3977
0.75
2.0 ± 0.4
NTCC100E4332*B
4700
1, 2, 3, 5
4.37
3977
0.75
2.0 ± 0.4
NTCC100E4472*B
5000
1, 2, 3, 5
4.37
3977
0.75
2.0 ± 0.4
NTCC100E4502*B
6000
1, 2, 3, 5
4.37
3977
0.75
2.0 ± 0.4
NTCC100E4602*B
6800
1, 2, 3, 5
4.37
3977
0.75
2.0 ± 0.4
NTCC100E4682*B
8000
1, 2, 3, 5
4.37
3977
0.75
2.0 ± 0.4
NTCC100E4802*B
10 000
1, 2, 3, 5
4.37
3977
0.75
2.0 ± 0.4
NTCC100E4103*B
12 000
1, 2, 3, 5
4.10
3740
2.0
2.0 ± 0.4
NTCC100E4123*B
15 000
1, 2, 3, 5
4.10
3740
2.0
2.0 ± 0.4
NTCC100E4153*B
22 000
1, 2, 3, 5
4.10
3740
2.0
2.0 ± 0.4
NTCC100E4223*B
33 000
1, 2, 3, 5
4.46
4090
1.5
2.0 ± 0.4
NTCC100E4333*B
47 000
1, 2, 3, 5
4.46
4090
1.5
2.0 ± 0.4
NTCC100E4473*B
68 000
1, 2, 3, 5
4.57
4190
1.5
2.0 ± 0.4
NTCC100E4683*B
100 000
1, 2, 3, 5
4.57
4190
1.5
2.0 ± 0.4
NTCC100E4104*B
150 000
1, 2, 3, 5
4.75
4370
2.5
2.0 ± 0.4
NTCC100E4154*B
220 000
1, 2, 3, 5
4.75
4370
2.5
2.0 ± 0.4
NTCC100E4224*B
330 000
1, 2, 3, 5
4.95
4570
1.5
2.0 ± 0.4
NTCC100E4334*B
470 000
1, 2, 3, 5
4.95
4570
1.5
2.0 ± 0.4
NTCC100E4474*B


Similar Part No. - NTCC100E4332JB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCC100E4332B VISHAY-NTCC100E4332B Datasheet
81Kb / 2P
   Leadless NTC Thermistor Dies
01-Jan-2022
More results

Similar Description - NTCC100E4332JB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCC100E4 VISHAY-NTCC100E4_V01 Datasheet
81Kb / 2P
   Leadless NTC Thermistor Dies
01-Jan-2022
NTCC200E4 VISHAY-NTCC200E4_17 Datasheet
114Kb / 3P
   Leadless NTC Thermistor Die Suitable
Revision: 20-Mar-17
NTCC200E4 VISHAY-NTCC200E4_18 Datasheet
101Kb / 3P
   Leadless NTC Thermistor Die Suitable for Wire Bonding
Revision: 20-Jul-2018
NTCC200E4 VISHAY-NTCC200E4 Datasheet
93Kb / 3P
   Leadless NTC Thermistor Die Suitable for Wire Bonding
Revision: 13-Oct-15
NTCC200E4C90008 VISHAY-NTCC200E4C90008 Datasheet
83Kb / 3P
   Leadless NTC Thermistor Die Intended for Wire Bonding
01-Jan-2022
NTCC200E4 VISHAY-NTCC200E4_V01 Datasheet
85Kb / 3P
   Leadless NTC Thermistor Die Suitable for Wire Bonding
01-Jan-2022
NTCC201E4 VISHAY-NTCC201E4_V01 Datasheet
93Kb / 3P
   Enhanced Leadless NTC Thermistor Die Suitable for Wire Bonding
Revision: 17-Feb-2023
NTCC201E4 VISHAY-NTCC201E4 Datasheet
93Kb / 3P
   Enhanced Leadless NTC Thermistor Die Suitable for Wire Bonding
01-Jan-2022
logo
List of Unclassifed Man...
KS502J2 ETC2-KS502J2 Datasheet
70Kb / 1P
   NTC THERMISTOR
KT103G2 ETC2-KT103G2 Datasheet
70Kb / 1P
   NTC THERMISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com