Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCASRFE3C90406 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NTCASRFE3C90406
Description  NTC Thermistors, Ice Cube Sensors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCASRFE3C90406 Datasheet(HTML) 2 Page - Vishay Siliconix

  NTCASRFE3C90406_17 Datasheet HTML 1Page - Vishay Siliconix NTCASRFE3C90406_17 Datasheet HTML 2Page - Vishay Siliconix NTCASRFE3C90406_17 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NTCASRFE3C90406 Ice Cube Sensor
www.vishay.com
Vishay BCcomponents
Revision: 24-Mar-17
2
Document Number: 29122
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RESISTANCE AND TEMPERATURE TOLERANCE
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES
TEMPERATURE
(°C)
RT/R25
RESISTANCE
(
)
R-TOL.
(± %)
(%/K)
T
max.
(± °C)
Rmin.
(
)
Rmax.
(
)
-55
95.377
950 434
3.16
-7.37
0.43
920 376
980 492
-50
66.417
661 844
2.96
-7.11
0.42
642 284
681 403
-45
46.836
466 723
2.76
-6.86
0.40
453 855
479 591
-40
33.427
333 104
2.57
-6.63
0.39
324 552
341 656
-35
24.132
240 478
2.39
-6.41
0.37
234 741
246 215
-30
17.613
175 516
2.21
-6.19
0.36
171 634
179 397
-25
12.990
129 445
2.04
-5.99
0.34
126 799
132 091
-20
9.676
96 422
1.88
-5.79
0.33
94 606
98 239
-15
7.276
72 510
1.73
-5.61
0.31
71 256
73 764
-10
5.522
55 025
1.58
-5.43
0.29
54 155
55 895
-5
4.227
42 120
1.44
-5.26
0.27
41 514
42 725
0
3.262
32 510
1.30
-5.10
0.25
32 087
32 933
5
2.538
25 292
1.43
-4.94
0.29
24 930
25 655
10
1.990
19 827
1.56
-4.80
0.33
19 518
20 137
15
1.571
15 656
1.68
-4.65
0.36
15 393
15 920
20
1.249
12 449
1.80
-4.52
0.40
12 224
12 674
25
1.000
9965
1.92
-4.39
0.44
9774
10 156
30
0.806
8028
2.03
-4.26
0.48
7865
8191
35
0.653
6507
2.14
-4.14
0.52
6368
6646
40
0.532
5305
2.24
-4.03
0.56
5186
5424
45
0.437
4350
2.34
-3.92
0.60
4248
4452
50
0.360
3586
2.44
-3.81
0.64
3499
3674
8.0
6.0
3.0
5.0
4.0
0.0
- 75
0
25
T (°C)
2.0
50
0.60
0.30
0.50
0.40
0.00
0.10
0.70
0.80
7.0
1.0
- 25
- 50
ΔR/R
ΔT
0.20


Similar Part No. - NTCASRFE3C90406_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406_V01 Datasheet
89Kb / 3P
   NTC Thermistors, Ice Cube Sensors
01-Jan-2022
More results

Similar Description - NTCASRFE3C90406_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406_V01 Datasheet
89Kb / 3P
   NTC Thermistors, Ice Cube Sensors
01-Jan-2022
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406 Datasheet
89Kb / 3P
   NTC Thermistors, Ice Cube Sensors
Revision: 09-May-11
logo
Schneider Electric
781XAXRM4L-24D SCHNEIDER-781XAXRM4L-24D Datasheet
167Kb / 3P
   ICE CUBE RELAYS
logo
OEN India Limited
37D-2-12-SLDT OENINDIA-37D-2-12-SLDT Datasheet
117Kb / 2P
   ICE CUBE STYLE INDUSTRIAL RELAY
37A-4-12-SL OENINDIA-37A-4-12-SL Datasheet
93Kb / 1P
   ICE CUBE STYLE INDUSTRIAL RELAY
38A-2-12-SL OENINDIA-38A-2-12-SL Datasheet
91Kb / 1P
   ICE CUBE STYLE INDUSTRIAL RELAY
logo
List of Unclassifed Man...
782XBXM4L-12D ETC2-782XBXM4L-12D Datasheet
303Kb / 5P
   700 SERIES ICE CUBE POWER RELAYS
logo
Vishay Siliconix
NTCACAP VISHAY-NTCACAP Datasheet
104Kb / 3P
   NTC Thermistors, Refrigerator Sensors
Revision: 03-Feb-17
NTCACAP VISHAY-NTCACAP_V01 Datasheet
102Kb / 3P
   NTC Thermistors, Refrigerator Sensors
01-Jan-2022
23226333 VISHAY-23226333 Datasheet
81Kb / 6P
   NTC Thermistors, High Temperature Sensors
Revision: 10-Oct-03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com