Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCALUG03A103GC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NTCALUG03A103GC
Description  NTC Thermistors, Mini Lug Sensors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCALUG03A103GC Datasheet(HTML) 2 Page - Vishay Siliconix

  NTCALUG03A103GC Datasheet HTML 1Page - Vishay Siliconix NTCALUG03A103GC Datasheet HTML 2Page - Vishay Siliconix NTCALUG03A103GC Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NTCALUG03 Mini Lug Series
www.vishay.com
Vishay BCcomponents
Revision: 03-Mar-17
2
Document Number: 29114
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
Notes
(1) Vishay Thermistor chip NTC, with epoxy coating and middle buffer layer
(2) Metal ring lug, tin plated
(3) Insulated leads: AWG#32, monostranded, diam 0.20 mm, silver plated Nickel, ETFE insulated, diameter 0.35 mm
(4) End wire stripped or 2-poles connector crimped (optional)
MOUNTING
• With screw size metric M2, or American stud 1-2
• For the type without connector, the electrical connection can be made by soldering, crimping or welding.
• For the type with connector, the connector can mate with following counter-connectors (5):
A. One of the PCB connector - Through Hole:
• JST B 2B-ZR (top entry)
• JST S 2B-ZR (side entry)
• JST B 2B-ZR-3.4 (top entry, for 1.6 mm board)
• JST S 2B-ZR-3.4 (side entry, for 1.6 mm board)
B. One of the PCB Board connector - SMT Surface Mount:
• JST S 2B-ZR-SM2-TF (SM2 side entry)
• JST B 2B-ZR-SM3-TF (SM3 top entry)
• JST S 2B-ZR-SM3A-TF (SM3 side entry)
• JST B 2B-ZR-SM4-TF (SM4 top entry)
• JST S 2B-ZR-SM4A-TF (SM4 side entry)
C. The Wire-to-wire connector:
• JST ZMR-02 housing (x 1) + JST SMM-003T-P0.5 terminals (x 2)
Note
(5) Additional details and dimensions can be found in JST ZH and JST ZM datasheets.
PACKAGING
Available in plastic bags of 250 pieces. SPQ = 2000 pieces
DESIGN-IN SUPPORT
• Other resistance curves and tolerances are available on request
• Consult Vishay for other lead length, other connector crimping or other features
• Other applicable screw size are available, for example M3 (American Stud #3-4)
• 3D solid models: www.vishay.com/doc?29106
• NTC curve computation: www.vishay.com/thermistors/ntc-curve-list/
• For M3 (American Stud #3/4) size, series NTCALUG39 is available for limited R25 values.
L1
L2
L3
L4
L1 + L3
(item without
connector)
Ø D1
Ø D2
Ø D3
Ø D4
TPitch P
70 ± 5
4 ± 1
11.5 ± 0.3
8.8 ± 0.3
81.5 ± 5
2.2 ± 0.3
5.5 ± 0.3
3.4 ± 0.3
0.35 ± 0.1
0.8 ± 0.1
1.5 ± 0.3


Similar Part No. - NTCALUG03A103GC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG03A103GC VISHAY-NTCALUG03A103GC Datasheet
117Kb / 7P
   NTC Thermistors, Mini Lug Sensors
Revision: 12-Apr-11
NTCALUG03A103GC VISHAY-NTCALUG03A103GC Datasheet
159Kb / 4P
   NTC Thermistors, Mini Lug Sensors
01-Jan-2022
NTCALUG03A103GCA VISHAY-NTCALUG03A103GCA Datasheet
159Kb / 4P
   NTC Thermistors, Mini Lug Sensors
01-Jan-2022
More results

Similar Description - NTCALUG03A103GC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG03 VISHAY-NTCALUG03 Datasheet
127Kb / 7P
   NTC Thermistors, Mini Lug Sensors
Revision: 16-Sep-10
NTCALUG03 VISHAY-NTCALUG03_11 Datasheet
117Kb / 7P
   NTC Thermistors, Mini Lug Sensors
Revision: 12-Apr-11
NTCALUG03A VISHAY-NTCALUG03A_V01 Datasheet
159Kb / 4P
   NTC Thermistors, Mini Lug Sensors
01-Jan-2022
NTCALUG01A VISHAY-NTCALUG01A_V01 Datasheet
110Kb / 3P
   NTC Thermistors, Standard Lug Sensors
01-Jan-2022
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 08-Aug-12
NTCALUG01A VISHAY-NTCALUG01A_18 Datasheet
90Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 12-Oct-2018
NTCALUG01T VISHAY-NTCALUG01T_19 Datasheet
90Kb / 3P
   NTC Thermistors, Standard Lug Sensors, 150 °C
Revision: 30-Jan-2019
NTCALUG01A VISHAY-NTCALUG01A_17 Datasheet
91Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 17-Nov-17
NTCALUG91A VISHAY-NTCALUG91A Datasheet
108Kb / 3P
   NTC Thermistors, Standard Lug Sensors
01-Jan-2022
NTCALUG85A VISHAY-NTCALUG85A Datasheet
106Kb / 3P
   NTC Thermistors, Standard Lug Sensors
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com