Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST12CP12 Datasheet(PDF) 2 Page - Microchip Technology

Part # SST12CP12
Description  2.4 GHz 256 QAM High-Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12CP12 Datasheet(HTML) 2 Page - Microchip Technology

  SST12CP12 Datasheet HTML 1Page - Microchip Technology SST12CP12 Datasheet HTML 2Page - Microchip Technology SST12CP12 Datasheet HTML 3Page - Microchip Technology SST12CP12 Datasheet HTML 4Page - Microchip Technology SST12CP12 Datasheet HTML 5Page - Microchip Technology SST12CP12 Datasheet HTML 6Page - Microchip Technology SST12CP12 Datasheet HTML 7Page - Microchip Technology SST12CP12 Datasheet HTML 8Page - Microchip Technology SST12CP12 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SST12CP12
DS70005124B-page 2
 2013 Microchip Technology Inc.
TO OUR VALUED CUSTOMERS
It is our intention to provide our valued customers with the best documentation possible to ensure successful use of your Microchip
products. To this end, we will continue to improve our publications to better suit your needs. Our publications will be refined and
enhanced as new volumes and updates are introduced.
If you have any questions or comments regarding this publication, please contact the Marketing Communications Department via
E-mail at
docerrors@microchip.com. We welcome your feedback.
Most Current Data Sheet
To obtain the most up-to-date version of this data sheet, please register at our Worldwide Web site at:
http://www.microchip.com
You can determine the version of a data sheet by examining its literature number found on the bottom outside corner of any page.
The last character of the literature number is the version number, (e.g., DS30000000A is version A of document DS30000000).
Errata
An errata sheet, describing minor operational differences from the data sheet and recommended workarounds, may exist for current
devices. As device/documentation issues become known to us, we will publish an errata sheet. The errata will specify the revision
of silicon and revision of document to which it applies.
To determine if an errata sheet exists for a particular device, please check with one of the following:
• Microchip’s Worldwide Web site;
http://www.microchip.com
• Your local Microchip sales office (see last page)
When contacting a sales office, please specify which device, revision of silicon and data sheet (include literature number) you are
using.
Customer Notification System
Register on our web site at
www.microchip.com to receive the most current information on all of our products.


Similar Part No. - SST12CP12

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12CP11 SST-SST12CP11 Datasheet
45Kb / 2P
   2.4 GHz High-Power and High-Gain Power Amplifier
logo
Microchip Technology
SST12CP11-QVCE MICROCHIP-SST12CP11-QVCE Datasheet
45Kb / 2P
   2.4 GHz High-Power and High-Gain Power Amplifier
10/11
SST12CP11C MICROCHIP-SST12CP11C Datasheet
708Kb / 16P
   2.4 GHz High-Linearity, High-Efficiency Power Amplifier
2015
SST12CP11C-QUCE MICROCHIP-SST12CP11C-QUCE Datasheet
708Kb / 16P
   2.4 GHz High-Linearity, High-Efficiency Power Amplifier
2015
SST12CP11C-QUCE-K MICROCHIP-SST12CP11C-QUCE-K Datasheet
708Kb / 16P
   2.4 GHz High-Linearity, High-Efficiency Power Amplifier
2015
More results

Similar Description - SST12CP12

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2622L SKYWORKS-SE2622L Datasheet
438Kb / 9P
   2.4 GHz, 256 QAM Power Amplifier
September 29, 2014
logo
Microchip Technology
SST12LP15B MICROCHIP-SST12LP15B Datasheet
469Kb / 28P
   2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
07/15
SST12CP33 MICROCHIP-SST12CP33 Datasheet
250Kb / 17P
   2.4 GHz WLAN Power Amplifier, 802.11b/g/n/256 QAM
01/27/15
logo
Skyworks Solutions Inc.
SKY85325-11 SKYWORKS-SKY85325-11 Datasheet
174Kb / 2P
   2.4 GHz, 256 QAM WLAN Front-End Module
SKY85310-11 SKYWORKS-SKY85310-11 Datasheet
174Kb / 2P
   2.4 GHz, 256 QAM WLAN/Bluetooth짰 Front-End Module
SKY85310-21 SKYWORKS-SKY85310-21 Datasheet
172Kb / 2P
   2.4 GHz, 256 QAM WLAN/Bluetooth짰 Front-End Module
SKY85300-21 SKYWORKS-SKY85300-21 Datasheet
739Kb / 11P
   2.4 GHz, 256 QAM Front-End Module for WLAN and Bluetooth® Applications
December 6, 2022
SE2433T SKYWORKS-SE2433T Datasheet
1Mb / 13P
   2.4 GHz Power Amplifier
logo
Silicon Storage Technol...
SST12LP14 SST-SST12LP14 Datasheet
226Kb / 12P
   2.4 GHz Power Amplifier
logo
List of Unclassifed Man...
AP1045A ETC-AP1045A Datasheet
286Kb / 6P
   2.4~2.5 GHz High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com