Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8304 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8304
Description  38-V 3-Phase Smart Gate Driver
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8304 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8304 Datasheet HTML 3Page - Texas Instruments DRV8304 Datasheet HTML 4Page - Texas Instruments DRV8304 Datasheet HTML 5Page - Texas Instruments DRV8304 Datasheet HTML 6Page - Texas Instruments DRV8304 Datasheet HTML 7Page - Texas Instruments DRV8304 Datasheet HTML 8Page - Texas Instruments DRV8304 Datasheet HTML 9Page - Texas Instruments DRV8304 Datasheet HTML 10Page - Texas Instruments DRV8304 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
7
DRV8304
www.ti.com
SLVSE39 – NOVEMBER 2017
Product Folder Links: DRV8304
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
at VVM = 6 to 38 V over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
Input logic high current
VIN = 5 V
100
µA
RPD
Pulldown Resistance (CAL, INHX, INLX,
SCLK, SDI, nSCS)
To AGND
100
k
tPD
Propagation delay
INHX/INLX tansition to GHX/GLX
transition
180
250
ns
LOGIC-LEVEL INPUTS (ENABLE)
VIL
Input logic low voltage
0
0.6
V
VIH
Input logic high voltage
1.5
5.5
V
VHYS
Input logic hysteresis
100
mV
IIL
Input logic low current
VIN = 0 V
–10
10
µA
IIH
Input logic high current
VIN = 5 V
-5
5
µA
FOUR-LEVEL INPUTS (GAIN, MODE)
VI1
Input mode 1 voltage
Tied to AGND
0
V
VI2
Input mode 2 voltage
45 kΩ ± 5% to AGND
1.2
V
VI3
Input mode 3 voltage
Hi-Z
2
V
VI4
Input mode 4 voltage
Tied to DVDD
3.3
V
SEVEN-LEVEL INPUTS (IDRIVE, VDS)
VI1
Input mode 1 voltage
Tied to AGND
0
V
VI2
Input mode 2 voltage
18 kΩ ± 5% to AGND
0.5
V
VI3
Input mode 3 voltage
75 kΩ ± 5% to AGND
1.1
V
VI4
Input mode 4 voltage
Hi-Z
1.65
V
VI5
Input mode 5 voltage
75 kΩ ± 5% to DVDD
2.2
V
VI6
Input mode 6 voltage
18 kΩ ± 5% to DVDD
2.8
V
VI7
Input mode 7 voltage
Tied to DVDD
3.3
V
OPEN-DRAIN OUTPUTS (nFAULT, SDO)
VOL
Output logic low voltage
IOD = 2 mA
0.1
V
IOZ
Output logic high current
VOD = 5 V
–1
1
µA
GATE DRIVERS (GHX, GLX, SHX)
VGHS
(1)
High-side VGS gate drive (gate-to-
source)
VVM = 12 to 38 V; IHS_GATE = 0 to 15 mA
7
10
11.5
V
VVM = 10 V; IHS_GATE = 0 to 10 mA
6.5
7.5
8.5
VVM = 8 V; IHS_GATE = 0 to 5 mA
5
6
7
VVM = 6 V; IHS_GATE = 0 to 1 mA
3.8
4.3
6.5
VGSL
(1)
Low-side VGS gate drive (gate-to-
source)
VVM = 12 to 38 V; ILS_GATE = 0 to 15 mA
7.5
10
12.5
V
VVM = 10 V; ILS_GATE = 0 to 10 mA
5.5
7.5
9.5
VVM = 8 V; ILS_GATE = 0 to 5 mA
3.5
6
8.5
VVM = 6 V; ILS_GATE = 0 to 1 mA
3
4.3
6.5
tDEAD
Output dead time (SPI Device)
DEAD_TIME = 00b
40
ns
DEAD_TIME = 01b
120
DEAD_TIME = 10b
200
DEAD_TIME = 11b
400
tDEAD
Output dead time (HW Device)
120
ns
tDRIVE
Peak gate drive time (SPI Device)
TDRIVE = 00b
500
ns
TDRIVE = 01b
1000
TDRIVE = 10b
2000
TDRIVE = 11b
4000
tDRIVE
Peak gate drive time (HW Device)
4000
ns


Similar Part No. - DRV8304

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8304 TI1-DRV8304 Datasheet
2Mb / 63P
[Old version datasheet]   38-V 3-Phase Smart Gate Driver
DRV8304 TI1-DRV8304 Datasheet
2Mb / 65P
[Old version datasheet]   DRV8304 38-V 3-Phase Smart Gate Driver
DRV8304HRHAR TI1-DRV8304HRHAR Datasheet
2Mb / 63P
[Old version datasheet]   38-V 3-Phase Smart Gate Driver
DRV8304HRHAR TI1-DRV8304HRHAR Datasheet
2Mb / 65P
[Old version datasheet]   DRV8304 38-V 3-Phase Smart Gate Driver
DRV8304HRHAT TI1-DRV8304HRHAT Datasheet
2Mb / 63P
[Old version datasheet]   38-V 3-Phase Smart Gate Driver
More results

Similar Description - DRV8304

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8304 TI1-DRV8304_18 Datasheet
2Mb / 63P
[Old version datasheet]   38-V 3-Phase Smart Gate Driver
DRV8304 TI1-DRV8304_V01 Datasheet
2Mb / 65P
[Old version datasheet]   DRV8304 38-V 3-Phase Smart Gate Driver
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350_19 Datasheet
3Mb / 90P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
logo
Renesas Technology Corp
RAA227063 RENESAS-RAA227063 Datasheet
3Mb / 74P
   4.5V to 60V 3-Phase Smart Gate Driver
Aug 5, 2022
logo
Texas Instruments
DRV8353M TI-DRV8353M Datasheet
3Mb / 76P
[Old version datasheet]   DRV8353M 100-V Three-Phase Smart Gate Driver
DRV8350F TI-DRV8350F Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
logo
ON Semiconductor
NCD83591 ONSEMI-NCD83591 Datasheet
147Kb / 10P
   3-Phase Gate Driver, 60V
May, 2022 - Rev. 0
logo
Infineon Technologies A...
IMD70XA INFINEON-IMD70XA Datasheet
8Mb / 155P
   BLDC Integrated Controller and Smart 3 Phase Gate Driver
Revision v1.00 2022-04-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com