Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV5055 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5055
Description  Ratiometric Linear Hall Effect Sensor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5055 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV5055 Datasheet HTML 2Page - Texas Instruments DRV5055 Datasheet HTML 3Page - Texas Instruments DRV5055 Datasheet HTML 4Page - Texas Instruments DRV5055 Datasheet HTML 5Page - Texas Instruments DRV5055 Datasheet HTML 6Page - Texas Instruments DRV5055 Datasheet HTML 7Page - Texas Instruments DRV5055 Datasheet HTML 8Page - Texas Instruments DRV5055 Datasheet HTML 9Page - Texas Instruments DRV5055 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Supply Voltage (V)
3
3.1
3.2
3.3
3.4
3.5
3.6
5
10
15
20
25
30
35
40
45
50
55
60
65
70
D006
DRV5055A1
DRV5055A2
DRV5055A3
DRV5055A4
Supply Voltage (V)
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
0
20
40
60
80
100
120
D007
DRV055A1
DRV055A2
DRV055A3
DRV055A4
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0
20
40
60
80
D004
DRV5055A1
DRV5055A2
DRV5055A3
DRV5055A4
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0
20
40
60
80
100
120
D005
DRV5055A1
DRV5055A2
DRV5055A3
DRV5055A4
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
1.6
1.8
2
2.2
2.4
2.6
D002
VCC = 3.3 V
VCC = 5 V
Supply Voltage (V)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
D003
6
DRV5055
SBAS640 – JANUARY 2018
www.ti.com
Product Folder Links: DRV5055
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.7 Typical Characteristics
for TA = 25°C (unless otherwise noted)
Figure 1. Quiescent Voltage vs Temperature
Figure 2. Quiescent Voltage vs Supply Voltage
Figure 3. Sensitivity vs Temperature, VCC = 3.3 V
Figure 4. Sensitivity vs Temperature, VCC = 5 V
Figure 5. Sensitivity vs Supply Voltage, VCC = 3.3 V ±10%
Figure 6. Sensitivity vs Supply Voltage, VCC = 5 V ±10%


Similar Part No. - DRV5055

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5055 TI1-DRV5055 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
DRV5055 TI1-DRV5055 Datasheet
1Mb / 32P
[Old version datasheet]   DRV5055 Ratiometric Linear Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
362Kb / 20P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   DRV5055 Ratiometric Linear Hall Effect Sensor
More results

Similar Description - DRV5055

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
   Ratiometric Linear Hall-effect Sensor
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
   Ratiometric Linear Hall-effect Sensor
logo
TT Electronics.
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
OHS3150U TTELEC-OHS3150U Datasheet
195Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
logo
Honeywell Solid State E...
SS496B HONEYWELL-SS496B Datasheet
1Mb / 4P
   MNIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
logo
Texas Instruments
DRV5056 TI1-DRV5056 Datasheet
1Mb / 32P
[Old version datasheet]   Unipolar Ratiometric Linear Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
362Kb / 20P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
DRV5056 TI1-DRV5056_19 Datasheet
1Mb / 33P
[Old version datasheet]   unipolar ratiometric linear hall effect sensor
logo
Honeywell Solid State E...
SS495A-SP HONEYWELL-SS495A-SP Datasheet
1Mb / 5P
   MINIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
logo
Texas Instruments
DRV5055-Q1 TI1-DRV5055-Q1_18 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com