Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV5011ADDBZR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5011ADDBZR
Description  Low-Voltage, Digital-Latch Hall Effect Sensor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5011ADDBZR Datasheet(HTML) 4 Page - Texas Instruments

  DRV5011ADDBZR Datasheet HTML 1Page - Texas Instruments DRV5011ADDBZR Datasheet HTML 2Page - Texas Instruments DRV5011ADDBZR Datasheet HTML 3Page - Texas Instruments DRV5011ADDBZR Datasheet HTML 4Page - Texas Instruments DRV5011ADDBZR Datasheet HTML 5Page - Texas Instruments DRV5011ADDBZR Datasheet HTML 6Page - Texas Instruments DRV5011ADDBZR Datasheet HTML 7Page - Texas Instruments DRV5011ADDBZR Datasheet HTML 8Page - Texas Instruments DRV5011ADDBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
DRV5011
SLVSCY6 – DECEMBER 2017
www.ti.com
Product Folder Links: DRV5011
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Device-sourced current is negative. Device-sunk current is positive.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Power supply voltage
VCC
2.5
5.5
V
VO
Output voltage
OUT
0
VCC
V
IO
Output current(1)
OUT
–5
20
mA
TJ
Operating junction temperature
140
°C
TA
Operating ambient temperature
–40
135
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
DRV5011
UNIT
SOT-23 (DBZ)
X2SON (DMR)
3 PINS
4 PINS
RθJA
Junction-to-ambient thermal resistance
356
159
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
128
77
°C/W
RθJB
Junction-to-board thermal resistance
94
102
°C/W
ψJT
Junction-to-top characterization parameter
11.4
0.9
°C/W
ψJB
Junction-to-board characterization parameter
92
100
°C/W
6.5 Electrical Characteristics
for VCC = 2.5 V to 5.5 V, over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Operating supply current
2.3
3
mA
tON
Power-on time (see Figure 10)
40
70
µs
td
Propagation delay time
From change in B to change in OUT
13
25
µs
VOH
High-level output voltage
IO = –1 mA
VCC – 0.35
VCC – 0.1
V
VOL
Low-level output voltage
IO = 20 mA
0.15
0.4
V
6.6 Magnetic Characteristics
for VCC = 2.5 V to 5.5 V, over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fBW
Sensing bandwidth
30
kHz
BOP
Magnetic threshold operate point
(see Figure 8)
0.6
2
3.8
mT
BRP
Magnetic threshold release point
(see Figure 8)
–3.8
–2
–0.6
mT
BHYS
Magnetic hysteresis: |BOP – BRP|
2
4
6
mT


Similar Part No. - DRV5011ADDBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5011ADDBZR TI1-DRV5011ADDBZR Datasheet
1Mb / 28P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5011ADDBZR TI1-DRV5011ADDBZR Datasheet
1Mb / 31P
[Old version datasheet]   DRV5011 Low-Voltage, Digital-Latch Hall Effect Sensor
More results

Similar Description - DRV5011ADDBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5011_1904 TI1-DRV5011_1904 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5011 TI1-DRV5011_V01 Datasheet
1Mb / 31P
[Old version datasheet]   DRV5011 Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5013 TI1-DRV5013_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Latch Hall Effect Sensor
DRV5013 TI1-DRV5013_V01 Datasheet
1Mb / 33P
[Old version datasheet]   Digital-Latch Hall Effect Sensor
DRV5015 TI1-DRV5015 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
DRV5015-Q1 TI1-DRV5015-Q1 Datasheet
574Kb / 25P
[Old version datasheet]   Automotive Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
DRV5012 TI1-DRV5012 Datasheet
197Kb / 20P
[Old version datasheet]   Ultra-Low-Power Digital-Latch Hall-Effect Sensor
DRV5013 TI-DRV5013_15 Datasheet
966Kb / 27P
[Old version datasheet]   DRV5013 Digital-Latch Hall Effect Sensor
DRV5013-Q1 TI1-DRV5013-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Latch Hall Effect Sensor
logo
Feeling Technology Corp...
FS177 FEELING-FS177 Datasheet
225Kb / 10P
   Low Voltage Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com