Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS5C512K8 Datasheet(PDF) 4 Page - Austin Semiconductor

Part No. AS5C512K8
Description  512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUSTIN [Austin Semiconductor]
Homepage  http://www.austinsemiconductor.com
Logo 

AS5C512K8 Datasheet(HTML) 4 Page - Austin Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SRAM
AS5C512K8
Austin Semiconductor, Inc.
AS5C512K8
Rev. 4.5 7/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS
(-55oC < T
A
< +125oC or -40oC to +85oC; Vcc = 5V +10%)

          
 
  








  








    








    !  "


      # $%&


 
  )      "%&




**






' (' 
    

**





      # $%&


 
  )      "%&




**






' (' 
 
+,  








    - + 


(





 .   - + 


(





 /  







   !  - + 







+, 0 +  

(





)  /  

1





)    







+  )     # $%&


 
+       "%&




**






' (' 
 
 









Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn