Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS5C512K8 Datasheet(PDF) 2 Page - Austin Semiconductor

Part No. AS5C512K8
Description  512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUSTIN [Austin Semiconductor]
Homepage  http://www.austinsemiconductor.com
Logo 

AS5C512K8 Datasheet(HTML) 2 Page - Austin Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SRAM
AS5C512K8
Austin Semiconductor, Inc.
AS5C512K8
Rev. 4.5 7/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
FUNCTIONAL BLOCK DIAGRAM
TRUTH TABLE
MODE
OE\ CE\ WE\
I/O
POWER
STANDBY
X
H
X
HIGH-Z STANDBY
READ
L
L
H
Q
ACTIVE
NOT SELECTED
H
L
H
HIGH-Z ACTIVE
WRITE
X
L
L
D
ACTIVE
S
N
O
I
T
C
N
U
F
N
I
P
8
1
A
-
0
As
t
u
p
n
I
s
s
e
r
d
d
A
\
E
We
l
b
a
n
E
e
t
i
r
W
\
E
Ce
l
b
a
n
E
p
i
h
C
\
E
Oe
l
b
a
n
E
t
u
p
t
u
O
O
/
I
0
O
/
I
-
7
s
t
u
p
t
u
O
/
s
t
u
p
n
I
a
t
a
D
V
C
C
r
e
w
o
P
V
S
S
d
n
u
o
r
G
C
Nn
o
i
t
c
e
n
n
o
C
o
N
X = Don’t Care
VCC
GND
4,194,304-BIT
MEMORY ARRAY
1024 ROWS X
4096 COLUMNS
COLUMN DECODER
*POWER
DOWN
CE\
OE\
WE\
DQ8
DQ1
A0-A18
*On the low voltage Data Retention option.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn