Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS5C512K8 Datasheet(PDF) 6 Page - Austin Semiconductor

Part No. AS5C512K8
Description  512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUSTIN [Austin Semiconductor]
Homepage  http://www.austinsemiconductor.com
Logo 

AS5C512K8 Datasheet(HTML) 6 Page - Austin Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SRAM
AS5C512K8
Austin Semiconductor, Inc.
AS5C512K8
Rev. 4.5 7/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
6
LOW V
CC DATA RETENTION WAVEFORM
READ CYCLE NO. 18, 9
(Address Controlled, CE\ = OE\ = V
IL, WE\ = VIH)
READ CYCLE NO. 2 2
(WE\ = V
IH)
1234
1234
1234
1234
1234
Don’t Care
Undefined
123456
123456
123456
123456
123456
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
12345
12345
12345
12345
12345
12345
12345
12345
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
1234
1234
1234
1234
1234
1234
1234
1234
123456
123456
123456
123456
123456
123456
123456
123456
DATA RETENTION MODE
4.5V
4.5V
V
DR>2V
V
DR
t
CDR
t
R
V
CC
CE\
V
IH-
V
IL-
ADDRESS
t
RC
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12
12
12
12
12
12
12
12
12
12
12
t
OH
t
AA
Previous Data Valid
Data Valid
I/O, DATA IN
& OUT
VALID
ADDRESS
t
RC
t
AOE
CE\
t
LZOE
t
ACE
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
12345
12345
12345
12345
12345
12345
1
1
1
1
1
1
1
1
1
1
1
1
Data Valid
High-Z
t
HZOE
t
HZCE
t
PD
I/O, DATA IN
& OUT
Icc
t
LZCE
t
PU


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn