Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIA1265SPR10YN Datasheet(PDF) 2 Page - Superworld Electronics

Part # PIA1265SPR10YN
Description  Molded Choke Coil
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIA1265SPR10YN Datasheet(HTML) 2 Page - Superworld Electronics

  PIA1265SPR10YN Datasheet HTML 1Page - Superworld Electronics PIA1265SPR10YN Datasheet HTML 2Page - Superworld Electronics PIA1265SPR10YN Datasheet HTML 3Page - Superworld Electronics PIA1265SPR10YN Datasheet HTML 4Page - Superworld Electronics PIA1265SPR10YN Datasheet HTML 5Page - Superworld Electronics PIA1265SPR10YN Datasheet HTML 6Page - Superworld Electronics PIA1265SPR10YN Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Molded Choke Coil PIA1265SP Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
29/09/2017
P2
4. Material List:
i)
Lead Frame
ii )
Non-lead Frame
a) Core
b) Wire
c)
Terminal
d) Ink
5. General Specification:
(a) Operating Temp. : -40°C to +125°C (Inclusive of coil temp rise)
(b) Storage Temp. : -40°C to +125°C (on board)
(c) Humidity Range : 85 ± 2% RH
(d) Heat Rated Current (Irms) will cause the coil temperature rise approximately ∆t of 40°C (keep 1min)
(e) Saturation Current (Isat Typ.) will cause L0 to drop approximately 30%.
(f) Part Temp. (Ambient + Temp. Rise) should not exceed 125°C under worst case operating conditions.
(g) Storage condition (component in its packaging)
i)
Temperature: -10 to 40°C
ii)
Humidity : 50~60% RH


Similar Part No. - PIA1265SPR10YN

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIA1205SP100MN SUPERWORLD-PIA1205SP100MN Datasheet
261Kb / 6P
   Molded Choke Coil
PIA1205SP1R0MN SUPERWORLD-PIA1205SP1R0MN Datasheet
261Kb / 6P
   Molded Choke Coil
PIA1205SP1R5MN SUPERWORLD-PIA1205SP1R5MN Datasheet
261Kb / 6P
   Molded Choke Coil
PIA1205SP2R2MN SUPERWORLD-PIA1205SP2R2MN Datasheet
261Kb / 6P
   Molded Choke Coil
PIA1205SP3R3MN SUPERWORLD-PIA1205SP3R3MN Datasheet
261Kb / 6P
   Molded Choke Coil
More results

Similar Description - PIA1265SPR10YN

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIA0624SR10YN SUPERWORLD-PIA0624SR10YN Datasheet
323Kb / 8P
   Molded Choke Coil
PIA1004SR15YN SUPERWORLD-PIA1004SR15YN Datasheet
299Kb / 8P
   Molded Choke Coil
PIA1206SP8R2MN SUPERWORLD-PIA1206SP8R2MN Datasheet
203Kb / 6P
   Molded Choke Coil
PIA0402SPR10MN SUPERWORLD-PIA0402SPR10MN Datasheet
273Kb / 6P
   Molded Choke Coil
PIA0502SPR15YN SUPERWORLD-PIA0502SPR15YN Datasheet
272Kb / 6P
   Molded Choke Coil
PIA1005SR36MN SUPERWORLD-PIA1005SR36MN Datasheet
269Kb / 7P
   Molded Choke Coil
PIA0603SR15YN SUPERWORLD-PIA0603SR15YN Datasheet
336Kb / 8P
   Molded Choke Coil
PIA1707SP1R0MN SUPERWORLD-PIA1707SP1R0MN Datasheet
212Kb / 6P
   Molded Choke Coil
PIA0503SR20MN SUPERWORLD-PIA0503SR20MN Datasheet
278Kb / 7P
   Molded Choke Coil
PIA0602SR47MN SUPERWORLD-PIA0602SR47MN Datasheet
270Kb / 6P
   Molded Choke Coil
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com