Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA7063JI-TU Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA7063JI-TU
Description  Stereo 1.5W Audio Power Amplifier with DC Volume Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA7063JI-TU Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA7063JI-TU Datasheet HTML 1Page - Anpec Electronics Coropration APA7063JI-TU Datasheet HTML 2Page - Anpec Electronics Coropration APA7063JI-TU Datasheet HTML 3Page - Anpec Electronics Coropration APA7063JI-TU Datasheet HTML 4Page - Anpec Electronics Coropration APA7063JI-TU Datasheet HTML 5Page - Anpec Electronics Coropration APA7063JI-TU Datasheet HTML 6Page - Anpec Electronics Coropration APA7063JI-TU Datasheet HTML 7Page - Anpec Electronics Coropration APA7063JI-TU Datasheet HTML 8Page - Anpec Electronics Coropration APA7063JI-TU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.5 - Mar., 2003
APA7063
www.anpec.com.tw
2
APA7 0 6 3
P a ckag e C ode
J : P D IP - 1 6
K : S O P - 1 6
T e m p . R ange
I : - 4 0 to 8 5
C
H andlin g C ode
T U : T ube
T R : T ape & R eel
°
H a n d lin g C ode
T e m p . R ange
P a c k ag e C ode
APA7 0 6 3 J :
APA7 0 6 3
XXXXX
XXXXX - Da te Co d e
APA7 0 6 3 K :
APA7 0 6 3
XXXXX
XXXXX - Da te Co d e
Block Diagram
(Over operating free-air temperature range unless otherwise noted.)
Symbol
Parameter
Rating
Unit
V
DD
Supply Voltage
6
V
T
A
Operating Ambient Temperature Range
-40 to 85
°C
T
J
Maximum Junction Temperature
150
°C
T
STG
Storage Temperature Range
-65 to +150
°C
T
S
Soldering Temperature,10 seconds
260
°C
V
ESD
Electrostatic Discharge
-2000 to 2000*1
V
Absolute Maximum Ratings
Volume
Control
32 steps
Power
Management
Click and Pop
Suppression
Circuitry
Shutdown
V
CC
GND
Bypass
Bias
Vin2
10K
10K
20K
20K
+ OUT1
10K
20K
20K
10K
Vo2
Vin1
Vo1
- OUT1
- OUT2
+ OUT2
SE/BTL
Ordering and Marking Information


Similar Part No. - APA7063JI-TU

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA750 ACTEL-APA750 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA750 ACTEL-APA750 Datasheet
1Mb / 174P
   Ultra-Fast Local and Long-Line Network
APA750 ACTEL-APA750 Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
APA750 MICROSEMI-APA750 Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
APA750 MICROSEMI-APA750 Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
More results

Similar Description - APA7063JI-TU

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA2070 ANPEC-APA2070 Datasheet
417Kb / 24P
   Stereo 2.6W Audio Power Amplifier (with DC Volume Control)
logo
Unisonic Technologies
PA7468 UTC-PA7468_15 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
SamHop Microelectronics...
SM7498 SAMHOP-SM7498 Datasheet
789Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7511 SAMHOP-SM7511 Datasheet
2Mb / 23P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7512 SAMHOP-SM7512 Datasheet
336Kb / 16P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com