Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C0050-36 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0050-36
Description  N Male to N Male Right Angle Cable 24 Inch Length Using LMR-600 Coax
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0050-36 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0050-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0050-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0050-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
N Male to N Male Right Angle Cable 24 Inch Length Using LMR-600 Coax
Configuration
Connector 1
N Male
Connector 2
N Male Right Angle
Cable Type
LMR-600
Impedance, Ohms
50
Mechanical Specifications
Cable Assembly
Cable Type
LMR-600
Temperature
Temperature Operating Range, deg C
-40 to +85
Temperature Storage Range, deg C
-70 to +85
Size
Length, in [mm]
24 [609.6]
Diameter, in [mm]
0.95 [24.13]
.
Weight, lbs [g]
0.42 [190.51]
Cable Color
Black
One Time Minimum Bend Radius, in [mm]
1.5 [38.1]
Repeated Minimum Bend Radius, in [mm]
6 [152.4]
Cable
No of Shields
2
Dielectric Type
PE (F)
Jacket Material
PE
Jacket Diameter, in [mm]
0.59 [14.99]
Connector 1
Type
N Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size, mm
18
Torque, in-lbs [Nm]
9 [1.02]
Body Material and Plating
Brass, Tri-Metal
DielectricType
Teflon
Connector 2
Type
N Male Right Angle
Configuration
RightAngle
Inner Conductor Material and Plating
Brass, Gold
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: N Male to N Male Right Angle Cable 24 Inch Length Using LMR-600 Coax PE3C0050-24
PE3C0050-24 REV
PE3C0050-24
N Male to N Male Right Angle Cable 24 Inch
Length Using LMR-600 Coax


Similar Part No. - PE3C0050-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0050-36 PASTERNACK-PE3C0050-36 Datasheet
327Kb / 3P
   N Male to N Male Right Angle Cable 12 Inch Length Using LMR-600 Coax
PE3C0050-36 PASTERNACK-PE3C0050-36 Datasheet
327Kb / 3P
   N Male to N Male Right Angle Cable 36 Inch Length Using LMR-600 Coax
PE3C0050-36 PASTERNACK-PE3C0050-36 Datasheet
333Kb / 3P
   N Male to N Male Right Angle Cable 48 Inch Length Using LMR-600 Coax
PE3C0050-36 PASTERNACK-PE3C0050-36 Datasheet
327Kb / 3P
   N Male to N Male Right Angle Cable 60 Inch Length Using LMR-600 Coax
More results

Similar Description - PE3C0050-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0062-24 PASTERNACK-PE3C0062-24 Datasheet
325Kb / 3P
   N Male to N Male Cable 24 Inch Length Using LMR-600 Coax
PE3C0048-24 PASTERNACK-PE3C0048-24 Datasheet
325Kb / 3P
   N Male to N Male Cable 24 Inch Length Using LMR-600 Coax
PE3C0050-12 PASTERNACK-PE3C0050-12 Datasheet
327Kb / 3P
   N Male to N Male Right Angle Cable 12 Inch Length Using LMR-600 Coax
PE3C0050-36 PASTERNACK-PE3C0050-36 Datasheet
327Kb / 3P
   N Male to N Male Right Angle Cable 36 Inch Length Using LMR-600 Coax
PE3C0050-48 PASTERNACK-PE3C0050-48 Datasheet
333Kb / 3P
   N Male to N Male Right Angle Cable 48 Inch Length Using LMR-600 Coax
PE3C0050-60 PASTERNACK-PE3C0050-60 Datasheet
327Kb / 3P
   N Male to N Male Right Angle Cable 60 Inch Length Using LMR-600 Coax
PE3C0041-24 PASTERNACK-PE3C0041-24 Datasheet
332Kb / 3P
   N Male to N Male Right Angle Cable 24 Inch Length Using LMR-400 Coax
PE3C0144-24 PASTERNACK-PE3C0144-24 Datasheet
335Kb / 3P
   N Male to N Male Right Angle Cable 24 Inch Length Using LMR-SW396 Coax
PE3C0140-24 PASTERNACK-PE3C0140-24 Datasheet
336Kb / 3P
   N Male Right Angle to N Male Right Angle Cable 24 Inch Length Using LMR-SW396 Coax
PE3C0062-12 PASTERNACK-PE3C0062-12 Datasheet
325Kb / 3P
   N Male to N Male Cable 12 Inch Length Using LMR-600 Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com