Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C0048-36 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C0048-36
Description  N Male to N Male Cable 60 Inch Length Using LMR-600 Coax
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0048-36 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C0048-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0048-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0048-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size, mm
18
Torque, in-lbs [Nm]
9 [1.02]
Body Material and Plating
Brass, Tri-Metal
DielectricType
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Valuesat25°C,sealevel
N Male to N Male Cable 60 Inch Length Using LMR-600 Coax from Pasternack Enterprises has same day shipment for
domesticandInternationalorders.OurRF,microwaveandfiberopticproductsmaintaina99%availabilityandarepartof
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: N Male to N Male Cable 60 Inch Length Using LMR-600 Coax PE3C0048-60
URL:http://www.pasternack.com/n-male-n-male-lmr600-cable-assembly-pe3c0048-60-p.aspx
PE3C0048-60 REV
PE3C0048-60
N Male to N Male Cable 60 Inch Length Using LMR-600 Coax


Similar Part No. - PE3C0048-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0048-36 PASTERNACK-PE3C0048-36 Datasheet
336Kb / 3P
   N Male to N Male Cable Using LMR-600 Coax
PE3C0048-36 PASTERNACK-PE3C0048-36 Datasheet
325Kb / 3P
   N Male to N Male Cable 12 Inch Length Using LMR-600 Coax
PE3C0048-36 PASTERNACK-PE3C0048-36 Datasheet
325Kb / 3P
   N Male to N Male Cable 24 Inch Length Using LMR-600 Coax
PE3C0048-36 PASTERNACK-PE3C0048-36 Datasheet
325Kb / 3P
   N Male to N Male Cable 36 Inch Length Using LMR-600 Coax
PE3C0048-36 PASTERNACK-PE3C0048-36 Datasheet
325Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-600 Coax
More results

Similar Description - PE3C0048-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0062-60 PASTERNACK-PE3C0062-60 Datasheet
325Kb / 3P
   N Male to N Male Cable 60 Inch Length Using LMR-600 Coax
PE3C0050-60 PASTERNACK-PE3C0050-60 Datasheet
327Kb / 3P
   N Male to N Male Right Angle Cable 60 Inch Length Using LMR-600 Coax
PE3C0062-12 PASTERNACK-PE3C0062-12 Datasheet
325Kb / 3P
   N Male to N Male Cable 12 Inch Length Using LMR-600 Coax
PE3C0062-24 PASTERNACK-PE3C0062-24 Datasheet
325Kb / 3P
   N Male to N Male Cable 24 Inch Length Using LMR-600 Coax
PE3C0048-36 PASTERNACK-PE3C0048-36 Datasheet
325Kb / 3P
   N Male to N Male Cable 36 Inch Length Using LMR-600 Coax
PE3C0062-36 PASTERNACK-PE3C0062-36 Datasheet
325Kb / 3P
   N Male to N Male Cable 36 Inch Length Using LMR-600 Coax
PE3C0048-24 PASTERNACK-PE3C0048-24 Datasheet
325Kb / 3P
   N Male to N Male Cable 24 Inch Length Using LMR-600 Coax
PE3C0062-48 PASTERNACK-PE3C0062-48 Datasheet
327Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-600 Coax
PE3C0048-48 PASTERNACK-PE3C0048-48 Datasheet
325Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-600 Coax
PE3C0048-12 PASTERNACK-PE3C0048-12 Datasheet
325Kb / 3P
   N Male to N Male Cable 12 Inch Length Using LMR-600 Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com