Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTPL-M07 Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTPL-M07
Description  Specific Lighting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-M07 Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTPL-M07 Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
4/18
Part No. : M07 CoB Product Series
BNS-OD-FC002/A4
LIGHT LED
M07 CoB Product Series
3. Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Code 4
Product Series
Rating
Unit
Power Dissipation
PO
52
86
W
80
129
Forward Current
IF
52
2200
mA
80
3200
Junction Temperature
Tj
125
°C
Thermal Resistance, Junction-Case
Rth, J-C
52
0.32
°C/W
80
0.24
Operating Temperature Range
Topr
-40 to 85
°C
Storage Temperature Range
Tstg
-40 to 100
°C
Breakdown Voltage(DC)
VB
2.25
KV
Electrostatic Discharge
ESD
8
KV
Notes
1. The pulse mode condition is 1/10 duty cycle with 100 msec pulse width.
2. Forbid to be operated at reverse voltage condition.
3. ESD spec is reference to AEC-Q101-001 HBM.
4. The unit of Rth is °C/W electrical.
5. The M07 CoB is recommended soldering temperature under 350degC and could not over 3.5sec.


Similar Part No. - LTPL-M07

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPL-M07452ZS30-T0 LITEON-LTPL-M07452ZS30-T0 Datasheet
1Mb / 19P
   Specific Lighting
LTPL-M07452ZS57-F1 LITEON-LTPL-M07452ZS57-F1 Datasheet
1Mb / 19P
   Specific Lighting
LTPL-M07452ZS65-F1 LITEON-LTPL-M07452ZS65-F1 Datasheet
1Mb / 19P
   Specific Lighting
LTPL-M07480ZS30-T0 LITEON-LTPL-M07480ZS30-T0 Datasheet
1Mb / 19P
   Specific Lighting
LTPL-M07480ZS57-F1 LITEON-LTPL-M07480ZS57-F1 Datasheet
1Mb / 19P
   Specific Lighting
More results

Similar Description - LTPL-M07

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPL-C16FUVM405 LITEON-LTPL-C16FUVM405 Datasheet
660Kb / 13P
   Specific Lighting
LTPL-C035BH450 LITEON-LTPL-C035BH450 Datasheet
651Kb / 15P
   Specific Lighting
LTPL-C034UVD365 LITEON-LTPL-C034UVD365 Datasheet
644Kb / 15P
   Specific Lighting
LTW-5630AZL27-EUH LITEON-LTW-5630AZL27-EUH Datasheet
836Kb / 29P
   Specific Lighting
LTW-010DCG LITEON-LTW-010DCG Datasheet
492Kb / 14P
   Specific Lighting
LTPL-C16FUVM385 LITEON-LTPL-C16FUVM385 Datasheet
689Kb / 13P
   Specific Lighting
LTPL-C035RN615 LITEON-LTPL-C035RN615 Datasheet
589Kb / 14P
   Specific Lighting
LTPL-M09 LITEON-LTPL-M09 Datasheet
1Mb / 19P
   Specific Lighting
LTPL-M03614ZS27-T0 LITEON-LTPL-M03614ZS27-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
LTPL-P033RGB LITEON-LTPL-P033RGB Datasheet
455Kb / 14P
   Specific Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com