Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTPL-C0673WPYB Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LTPL-C0673WPYB
Description  SMD LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-C0673WPYB Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Back Button LTPL-C0673WPYB Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-C0673WPYB Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-C0673WPYB Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-C0673WPYB Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-C0673WPYB Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-C0673WPYB Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-C0673WPYB Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-C0673WPYB Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-C0673WPYB Datasheet HTML 12Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
7/15
Part No. : LTPL-C0673WPYB
BNS-OD-FC002/A4
SMD LED
LTPL-C0673WPYB
5. Typical Electrical / Optical Characteristics Curves.
(25℃ Ambient Temperature Unless Otherwise Noted)
0%
20%
40%
60%
80%
100%
400
450
500
550
600
650
700
750
Wavelength (nm)
Fig 1. Relative Spectrum of Emission
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
90°
60
30°
50
100
60°
30°
Fig 2. Radiation Characteristics
Fig 3. Forward Current Derating Curve


Similar Part No. - LTPL-C0673WPYB

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPL-C0672WPYB LITEON-LTPL-C0672WPYB Datasheet
632Kb / 16P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTPL-C0675WPRB LITEON-LTPL-C0675WPRB Datasheet
466Kb / 15P
   SMD LED
LTPL-C0675WPYB LITEON-LTPL-C0675WPYB Datasheet
465Kb / 15P
   SMD LED
LTPL-C0677WPGB LITEON-LTPL-C0677WPGB Datasheet
479Kb / 15P
   SMD LED
More results

Similar Description - LTPL-C0673WPYB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com