Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HNSD56UBA Datasheet(PDF) 4 Page - Inolux Corporation

Part # HNSD56UBA
Description  Inolux Technologies 0.56 Dual Digit Numeric SMD Display
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HNSD56UBA Datasheet(HTML) 4 Page - Inolux Corporation

  HNSD56UBA Datasheet HTML 1Page - Inolux Corporation HNSD56UBA Datasheet HTML 2Page - Inolux Corporation HNSD56UBA Datasheet HTML 3Page - Inolux Corporation HNSD56UBA Datasheet HTML 4Page - Inolux Corporation HNSD56UBA Datasheet HTML 5Page - Inolux Corporation HNSD56UBA Datasheet HTML 6Page - Inolux Corporation HNSD56UBA Datasheet HTML 7Page - Inolux Corporation HNSD56UBA Datasheet HTML 8Page - Inolux Corporation HNSD56UBA Datasheet HTML 9Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
0.56” Dual Digit
Numeric SMD Display
HNSD56 Series
Official Product
HNSD56 Series
Customer Part No.
Data Sheet No.
****************
****************
HNSD56 Series
Specifications are subject to change without notice. Data
and drawings herein are copyrighted.
May 14, 2013
Version of 1.0
Page
4/18
Orderable Information
H
N
S
D
56
X
X
X
-
X
X
X
X
Series Name
Digit Height
Color Code
Polarity
Customer Code
HNSD
H: Inolux Technologies
N: Numeric
S: SMD Display
D: Dual Digit
56:
0.56” Digit
Height
UB: 470nm InGaN Blue
TG: 525nm InGaN True Green
TW: InGan White
UYG: 570nm AllnGaP Yellow Green
UY: 590nm AllnGaP Yellow
UA: 610nm AllnGaP Amber
UR: 625nm AllnGaP Hyper Red
USR: 640nm AllnGaP Super Red
A:
Common Anode
C:
Common Cathode
XXXX:
Customer specific
code


Similar Part No. - HNSD56UBA

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSD51 INOLUX-HNSD51 Datasheet
10Mb / 18P
   Inolux Technologies 0.51 Dual Digit Numeric SMD Display HNSD51 Series
HNSD51TGA INOLUX-HNSD51TGA Datasheet
10Mb / 18P
   Inolux Technologies 0.51 Dual Digit Numeric SMD Display HNSD51 Series
HNSD51TGC INOLUX-HNSD51TGC Datasheet
10Mb / 18P
   Inolux Technologies 0.51 Dual Digit Numeric SMD Display HNSD51 Series
HNSD51UAA INOLUX-HNSD51UAA Datasheet
10Mb / 18P
   Inolux Technologies 0.51 Dual Digit Numeric SMD Display HNSD51 Series
HNSD51UAC INOLUX-HNSD51UAC Datasheet
10Mb / 18P
   Inolux Technologies 0.51 Dual Digit Numeric SMD Display HNSD51 Series
More results

Similar Description - HNSD56UBA

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSD30 INOLUX-HNSD30 Datasheet
10Mb / 18P
   Inolux Technologies 0.3 Dual Digit Numeric SMD Display
HNSD40 INOLUX-HNSD40 Datasheet
11Mb / 19P
   Inolux Technologies 0.4 Dual Digit Numeric SMD Display HNSD40 Series
HNSD20 INOLUX-HNSD20 Datasheet
9Mb / 18P
   Inolux Technologies 0.2 Dual Digit Numeric SMD Display HNSD20 Series
HNSD28 INOLUX-HNSD28 Datasheet
10Mb / 18P
   Inolux Technologies 0.28??Dual Digit Numeric SMD Display HNSD28 Series
HNSD80 INOLUX-HNSD80 Datasheet
11Mb / 19P
   Inolux Technologies 0.8 Dual Digit Numeric SMD Display HNSD80 Series
HNSD39 INOLUX-HNSD39 Datasheet
11Mb / 19P
   Inolux Technologies 0.39 Dual Digit Numeric SMD Display HNSD39 Series
HNSD51 INOLUX-HNSD51 Datasheet
10Mb / 18P
   Inolux Technologies 0.51 Dual Digit Numeric SMD Display HNSD51 Series
HNTT56 INOLUX-HNTT56 Datasheet
1Mb / 17P
   Technologies 0.56 Triple Digit Numeric Display
HNTD56 INOLUX-HNTD56 Datasheet
1Mb / 17P
   0.56 Dual Digit Numeric Display
HNST56 INOLUX-HNST56 Datasheet
11Mb / 19P
   0.56 Triple Digit Numeric SMD Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com